Electronic Components Datasheet Search
  English  ▼

X  

TS39101CS50RL Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS39101CS50RL
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39101CS50RL Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS39101CS50RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39101CS50RL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS39101/2/4
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
6/9
Version: A08
Application Information (Continue)
Error Flag
TS39101 versions feature an Error Flag, which looks at the output voltage and signals an error condition when this
voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low under fault
conditions. It may sink 10mA. Low output voltage signifies a number of possible problems, including an over-current
fault (the device is in current limit) or low input voltage. The flag output is inoperative during over temperature
shutdown conditions. A pull-up resistor from error flag to either ViN or VOUT is required for proper operation. For
information regarding the minimum and maximum values of pull-up resistance, refer the graph as follow:
Thermal Resistance
Power SOP-8 Thermal Characteristic
TS39101/2/4 series performance is its power SOP-8 package featuring half the thermal resistance of a standard SOP-
8 package. Lower thermal resistance means more output current or higher input voltage for a standard SOP-8
package. Lower thermal resistance means more output current or higher input voltage for a given package size.
Lower thermal resistance is achieved by connect the four ground pins with the die attached pad to create a single
piece electrical and thermal conductor. This concept have been used by MOSFET production for years, proving very
reliable and cost effective for the user. As above thermal resistance figure. Thermal resistance consists of two main
elements, ΘJC (junction to case) and ΘCA (case to ambient). Using the power SOP-8 reduces ΘCA, the total thermal
resistance, ΘJA (junction to ambient) is the limiting factor in calculating the maximum power dissipation capability of the
device. Typically, the power SOP-8 have a ΘJC of 20
oC/W dramatically , this is significantly lower than the standard
SOP-8 which is typically 75
oC/W. ΘCA is reduced because pin 5~8 can be soldered directly to a ground plane which
significantly reduces the case to sink and sink to ambient thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com