Electronic Components Datasheet Search
  English  ▼

X  

OPT8AP Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # OPT8AP
Description  8-port Intelligent RS-232 Universal PCI Communication Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

OPT8AP Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  OPT8AP Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
www.advantech.com/products
Online Download
PCI-1625U
Software
Bundled Software
ICOM Tools
Driver Support
Windows 2000/XP
Environment
Operating Temperature 0 ~ 65° C (refer to IEC 68-2-1,2) (32 ~ 149° F)
Storing Temperature
5 ~ 95 % RH, non-condensing (refer to IEC 68-2-3)
Storing Humidity
-25 ~85° C (-13 ~ 185° F)
Ordering Information
PCI-1625U
8-port Intelligent RS-232 Universal PCI
Communication Card (cables not included)
OPT8AP
8-port RS-232 (DCE) connection box with female DB25
connectors
OPT8BP
8-port RS-232 (DTE) connection box with male DB25
connectors
OPT8C
8-port RS-232 cable with male DB25 connector (1 m)
OPT8H
8-port RS-232 cable with male DB9 connector (1 m)
OPT8FP
8-port RS-422 to RS-232 converter connection box w/
Isolation Protection
Specifications
General
Card Interface
Universal PCI V2.2
Certifications
CE, FCC class A
Connectors
1 x DB62-F
Dimensions
185 x 100 mm (7.3" x 3.9")
Power Consumption
504 mA, max 558 mA @ 5 V
Communications
Controller
8 x 16c550
Processor
TMS320c5402
Memory
1 MB
Data Bits
5, 6, 7, 8
Stop Bits
1, 1.5, 2
Data Signals
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND(RS-232)
Flow Control
RTS/CTS, Xon/Xoff
IRQ
Assigned by Plug & Play
Parity
None, even, odd
Speed
50 bps ~ 921.6 kbps
Protection
ESD Protection
16 kV
8-port Intelligent RS-232
Universal PCI Communication Card
RISC processor (TMS320)
1 MB SRAM
PCI Specification 2.2 compliant
Speed up to 921.6 kbps
8-port RS-232
I/O address automatically assigned by PCI Plug &Play
OS supported: Windows 2000/XP
Powerful and easy to use utility (ICOM tools)
Link with OPT8FP peripherals up to 1200m (4000ft) from controller (RS-422)
Universal PCI (Supports 3.3 V or 5 V PCI bus signal)
Introduction
The intelligent PCI-1625U is virtually a self contained computer. The card has an onboard DSP processor that takes over the processing load from the host PC. When you are transferring
large amounts of data from multiple ports, servicing the interrupts alone consumes a large percentage of the capacity of your computer’s CPU. PCI-1625U serves as a high-speed
dedicated interrupt processor. PCI-1625U also has 1 MB of SRAM which can store serial data and reduce host CPU loading effectively. When PCI-1625U initializes, it downloads the
driver software (which functions like a PC’s BIOS) into its onboard DSP. This improves performance and makes version upgrading easy so there is no hardware redundancy.
PCI-1625U has a universal PCI connector that is compatible with both newer 3.3 V PCI bus and the traditional 5 V PCI bus. It also provides a convenient utility program called ICOM
Tools to help test the PCI card performance by analyzing the port status. The menu commands and toolbar buttons of ICOM Tools acts as a PC-based data scope that lets you set a
trigger condition, capture the communications data and monitor the signal status. ICOM Tools is applicable to all series of Advantech ICOM cards.
The intelligent PCI-1625U 8-port RS-232 or RS-422 interface card is designed for industrial applications where a PC needs to communicate with terminals, modems, or other
instruments. RS-422 applications have to use the optional OPT8FP, 8-port RS-232 to RS-422 converter with 2,500 VDC isolation protection. You can install up to four PCI-1625U
cards for total of 32 ports in any PCI bus-based PC.


Similar Part No. - OPT8AP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
OPT8AP ADVANTECH-OPT8AP Datasheet
535Kb / 1P
8-port RS-232 PCI Communication Cards
More results

Similar Description - OPT8AP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1620 ADVANTECH-PCI-1620 Datasheet
535Kb / 1P
8-port RS-232 PCI Communication Cards
PCL-844+ ADVANTECH-PCL-844+ Datasheet
79Kb / 1P
8-port Intelligent RS-232/422 ISA Communication Card
PCIE-1620 ADVANTECH-PCIE-1620 Datasheet
260Kb / 1P
8-port RS-232 PCI Express Communication Card
PCI-1610A ADVANTECH-PCI-1610A_14 Datasheet
253Kb / 1P
4-port RS-232 Universal PCI Communication Card
PCI-1620A ADVANTECH-PCI-1620A_14 Datasheet
253Kb / 1P
8-port RS-232 Universal PCI Communication Card
PCIE-1620 ADVANTECH-PCIE-1620_15 Datasheet
266Kb / 1P
8-port RS-232 PCI Express Communication Card
logo
Moxa Inc.
CP-168U MOXA-CP-168U Datasheet
657Kb / 3P
8-port RS-232 Universal PCI serial board
logo
Advantech Co., Ltd.
PCI-1604L ADVANTECH-PCI-1604L Datasheet
476Kb / 1P
2-Port RS-232 PCI Communication Card 2-Port RS-232/422/485 Low-Profile Universal PCI Communication Card with Isolation Protection
17-Dec-2020
PCI-1620 ADVANTECH-PCI-1620_V01 Datasheet
527Kb / 1P
8-port RS-232 PCI Communication Card
31-Mar-2017
PCIE-1620 ADVANTECH-PCIE-1620_V01 Datasheet
481Kb / 1P
8-Port RS-232 PCI Express Communication Card
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com