Electronic Components Datasheet Search
  English  ▼

X  

Opt8H Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # Opt8H
Description  8-port RS-232 PCI Communication Cards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

Opt8H Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  Opt8H Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Serial Communication Cards
Features
RoHS
COMPLIANT
2002/95/EC
PCI-1620A/B
PCI-1620AU/BU
Specifications
General
Bus Type
PCI-1620A, PCI-1620B: PCI V2.1
PCI-1620AU, PCI-1620BU: Universal PCI V2.2
Certifications
CE, FCC class A
Connectors
1 x DB62-F
Dimensions
185 x 100 mm (7.3" x 3.9")
Power Consumption
Typical
Max
+12 V: 120 mA
+5 V: 180 mA
+12 V: 150 mA
+5 V: 220 mA
Power Requirement
±12 V
Communications
Communication
16PCI954+16C954
Controller
Data Bits
5, 6, 7, 8
Data Signals
RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
FIFO
128 bytes
Flow Control
RTS/CTS, Xon/Xoff
IRQ
Assigned by Plug & Play
Parity
None, even, odd
Speed
50 bps ~ 921.6 kbps
Stop Bits
1, 1.5, 2
Protection
ESD Protection
16 kV
EFT Protection
3,000 VDC (PCI-1620B)
2,500 VDC (PCI-1620U)
PCI-1620 Series
8-port RS-232 PCI
Communication Cards
PCI bus 2.1, 2.2 (PCI-1620U, PCI-1620AU) compliant
Speeds up to 921.6 kbps
8-port RS-232
I/O address automatically assigned by PCI Plug & Play
OS supported: Windows® 98/ME/2000/XP/XP Embedded/Vista, Windows CE
5.0/6.0, Linux
Interrupt status register for increased performance
Powerful and easy-to use utility (ICOM Tools)
Universal PCI (Supports 3.3 V or 5 V PCI bus signal)
(PCI-1620AU, PCI-1620U)
Software
Bundled Software
ICOM Tools
OS Support
Windows 98/ME/2000/XP/XP Embedded, Windows CE
5.0/6.0, Linux
Environment
Operating Temperature 0 ~ 65° C (refer to IEC 68-2-1,2) (32 ~ 149° F)
Humidity (Operating)
5 ~ 95 % RH, non-condensing (refer to IEC 68-2-3)
Storage Temperature
-25 ~ 85° C (-13 ~ 185° F)
Ordering Information
PCI-1620A
8-port RS-232 PCI Comm Card
PCI-1620B
8-port RS-232 PCI Comm Card w/ EFT
PCI-1620AU
8-port RS-232 Uni PCI Comm Card
PCI-1620BU
8-port RS-232 Uni PCI Comm w/EFT
Opt8C
8-port RS-232 cable w/ male DB62 to DB25
Opt8H
8-port RS-232 cable w/ male DB62 to DB9
OPT8AP
8-port RS-232 (DCE) connection box w/ female DB25
OPT8BP
8-port RS-232 (DTE) connection box w/ male DB25
Note: Cable not included.
For most applications the PCI-1620 requires different cable.
Introduction
PCI-1620 is an 8-port RS-232 PCI communication card that is compatible with the PCI 2.1 bus specification. The card provides eight optional EFT protected RS-232 ports, and has
many functions such as high transmission speed of 921.6 kbps, eight independent RS-232 ports and also comes with high-performance 16PCI954 UARTs with 128-byte FIFO and a
16C954 UART to reduce CPU load. Thus, the PCI-1620 is especially suitable for making your system reliable in multitasking environments. PCI-1620AU and PCI-1620BU have an
universal PCI connector that is compatible with both 3.3 V signaling and 5 V signaling. This means that PCI-1610AU and PCI-1620BU can not only be used in traditional systems
with 5 V signaling but also newer systems with 3.3 V signaling.
To further increase reliability, PCI-1620B and PCI-1620BU offer EFT protection technology, protecting your system from abrupt high voltages of up to 3,000 VDC. Advantech also
provides a convenient utility program called ICOM Tools, to help you test the PCI card’s performance by analyzing the port status. ICOM Tools is easy to use with its menu commands
and toolbar buttons, and acts as a PC-based data scope that lets you set a trigger condition, capture the communications data and monitor the signal status. ICOM Tools is applicable
to all series of Advantech ICOM cards.


Similar Part No. - Opt8H

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
OPT8H ADVANTECH-OPT8H Datasheet
69Kb / 1P
8-port Intelligent RS-232 Universal PCI Communication Card
More results

Similar Description - Opt8H

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1610A ADVANTECH-PCI-1610A Datasheet
541Kb / 1P
4-port RS-232 PCI Communication Cards
PCI-1612A ADVANTECH-PCI-1612A Datasheet
542Kb / 1P
4-port RS-232/422/485 PCI Communication Cards
PCI-1625U ADVANTECH-PCI-1625U Datasheet
69Kb / 1P
8-port Intelligent RS-232 Universal PCI Communication Card
PCL-858 ADVANTECH-PCL-858 Datasheet
65Kb / 1P
8-port High-speed RS-232 Communication Cards
PCIE-1620 ADVANTECH-PCIE-1620 Datasheet
260Kb / 1P
8-port RS-232 PCI Express Communication Card
PCIE-1622 ADVANTECH-PCIE-1622 Datasheet
260Kb / 1P
8-port RS-232/422/485 PCI Express Communication Card
PCI-1620A ADVANTECH-PCI-1620A_14 Datasheet
253Kb / 1P
8-port RS-232 Universal PCI Communication Card
PCIE-1620 ADVANTECH-PCIE-1620_15 Datasheet
266Kb / 1P
8-port RS-232 PCI Express Communication Card
PCI-1620 ADVANTECH-PCI-1620_V01 Datasheet
527Kb / 1P
8-port RS-232 PCI Communication Card
31-Mar-2017
PCIE-1620 ADVANTECH-PCIE-1620_V01 Datasheet
481Kb / 1P
8-Port RS-232 PCI Express Communication Card
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com