Electronic Components Datasheet Search
  English  ▼

X  

TSM2N70 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N70
Description  700V N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N70 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N70 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N70 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N70 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
TSM2N70
700V N-Channel Power MOSFET
2/7
Version: Preliminary
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
2.78
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
100
oC/W
Notes: Surface mounted on FR4 board t ≤ 10sec
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 1mA
BVDSS
700
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 0.8A
RDS(ON)
--
6
7
Ω
Gate Threshold Voltage
VDS = VGS, ID = 50uA
VGS(TH)
3.0
--
4.5
V
Zero Gate Voltage Drain Current
VDS = 700V, VGS = 0V
IDSS
--
--
1
uA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±10
nA
Forward Transconductance
VDS = 15V, ID = 0.8A
gfs
--
1.4
--
S
Diode Forward Voltage
IS = 1.6A, VGS = 0V
VSD
--
1.6
--
V
Dynamic
b
Total Gate Charge
Qg
--
11.4
--
Gate-Source Charge
Qgs
--
2
--
Gate-Drain Charge
VDS = 560V, ID = 0.8A,
VGS = 10V
Qgd
--
6.8
--
nC
Input Capacitance
Ciss
--
280
--
Output Capacitance
Coss
--
35
--
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Crss
--
6.5
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
7
--
Turn-On Rise Time
tr
--
17
--
Turn-Off Delay Time
td(off)
--
20
--
Turn-Off Fall Time
VGS = 10V, ID = 0.8A,
VDD = 350V, RG = 4.7Ω
tf
--
35
--
nS
Reverse Recovery Time
tfr
--
334
--
nS
Reverse Recovery Charge
Qfr
--
918
--
uC
Reverse Recovery Current
VGS = 0V, IS = 13A,
VDD = 50V
dIF/dt = 100A/us
IRRM
--
5.5
--
A
Notes:
1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. VDD = 50V, IAS=13A, L=8mH, RG=25Ω
3. Pulse test: pulse width ≤300uS, duty cycle ≤1.5%
4. Essentially Independent of Operating Temperature
5. For design reference only, not subject to production testing.
6. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com