Electronic Components Datasheet Search
  English  ▼

X  

TSM802CQRVG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM802CQRVG
Description  20V N-Channel MOSFET w/ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM802CQRVG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM802CQRVG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM802CQRVG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM802CQRVG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM802CQRVG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM802CQRVG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM802CQRVG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM802
20V N-Channel MOSFET w/ESD Protected
5/6
Version: D08
TDFN 3x3 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug,
W=Sep, X=Oct, Y=Nov, Z=Dec)
L = Lot Code
TDFN 3x3 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.65
0.85
0.026
0.034
A1
0.00
0.05
0.000
0.002
A3
0.15
0.25
0.006
0.010
b
0.20
0.30
0.008
0.012
D
2.90
3.10
0.114
0.122
D1
2.20
2.30
0.086
0.090
E
2.90
3.10
0.114
0.122
E2
1.49
1.59
0.058
0.063
e
0.625
0.675
0.025
0.027
K
0.25
0.35
0.010
0.014
L
0.35
0.45
0.014
0.017
H
0.61
0.71
0.024
0.028



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com