Electronic Components Datasheet Search
  English  ▼

X  

TSM6963SD Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6963SD
Description  20V Dual P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6963SD Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM6963SD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6963SD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6963SD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6963SD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6963SD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6963SD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM6963SD
20V Dual P-Channel MOSFET
1/1
Version: B09
TSSOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switch
●
PA Switch
Ordering Information
Part No.
Package
Packing
TSM6963SDCA RV
TSSOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current, VGS @4.5V.
ID
-4.5
A
Pulsed Drain Current, VGS @4.5V
IDM
-16
A
Continuous Source Current (Diode Conduction)
a,b
IS
-1.0
A
Ta = 25
oC
1.14
Maximum Power Dissipation
Ta = 70
oC
PD
0.73
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
RӨJF
75
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
90
oC/W
Notes:
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Block Diagram
Dual P-Channel MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
30 @ VGS = -4.5V
-4.5
42 @ VGS = -2.5V
-3
-20
68 @ VGS = -1.8V
-2
Pin Definition:
1. Drain 1
8. Drain 2
2. Source 1
7. Source 2
3. Source 1
6. Source 2
4. Gate 1
5. Gate 2


Similar Part No. - TSM6963SD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6963SDCARV TSC-TSM6963SDCARV Datasheet
361Kb / 6P
20V Dual P-Channel MOSFET
TSM6963SDCARVG TSC-TSM6963SDCARVG Datasheet
361Kb / 6P
20V Dual P-Channel MOSFET
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
20V Dual P-Channel MOSFET
More results

Similar Description - TSM6963SD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
20V Dual P-Channel MOSFET
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
20V Dual P-Channel MOSFET
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
20V Dual P-Channel MOSFET
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
20V Dual P-Channel MOSFET
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com