Electronic Components Datasheet Search
  English  ▼

X  

MAX2160 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2160
Description  ISDB-T Single-Segment Low-IF Tuners
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2160 Datasheet HTML 9Page - Maxim Integrated Products MAX2160 Datasheet HTML 10Page - Maxim Integrated Products MAX2160 Datasheet HTML 11Page - Maxim Integrated Products MAX2160 Datasheet HTML 12Page - Maxim Integrated Products MAX2160 Datasheet HTML 13Page - Maxim Integrated Products MAX2160 Datasheet HTML 14Page - Maxim Integrated Products MAX2160 Datasheet HTML 15Page - Maxim Integrated Products MAX2160 Datasheet HTML 16Page - Maxim Integrated Products MAX2160 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
______________________________________________________________________________________
13
Table 4. VCO Register
BIT NAME
BIT LOCATION
(0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
VCO[1:0]
7, 6
11
Control which VCO is activated when using manual VCO programming mode.
This will also serve as the starting point for the VCO autoselect mode.
00 = select VCO 0
01 = select VCO 1
10 = select VCO 2
11 = select VCO 3
VSB[2:0]
5, 4, 3
011
Select a particular sub-band for each of the on-chip VCOs. Together with the
VCO[2:0] bits a manual selection of a VCO and a sub-band can be made. This
will also serve as the starting point for the VCO autoselect mode.
000 = select sub-band 0
001 = select sub-band 1
010 = select sub-band 2
011 = select sub-band 3
100 = select sub-band 4
101 = select sub-band 5
110 = select sub-band 6
111 = select sub-band 7
ADL
2
0
Enables or disables the VCO tuning voltage ADC latch when the VCO autoselect
mode (VAS) is disabled.
0 = disables the ADC latch
1 = latches the ADC value
ADE
1
0
Enables or disables VCO tuning voltage ADC read when the VCO autoselect
mode (VAS) is disabled.
0 = disables ADC read
1 = enables ADC read
LTC
0
0
Sets the source current for the VAS time constant.
0 = 1µA
1 = 2µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com