Electronic Components Datasheet Search
  English  ▼

X  

PCL-841 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-841
Description  2-port CAN-bus ISA Card with Isolation Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-841 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-841 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
PCL-841
PCM-3680
2-port CAN-bus ISA Card with Isolation
Protection
2-port CAN-bus PC/104 Module with
Isolation Protection
Specifications
General
Card Interface
ISA
Certifications
CE
Connectors
2 x DB9-M
Dimensions
185 x 100 mm (7.3" x 3.9") (PCL-841)
Ports
2
Power Consumption
+5 V @ 400 mA typical, 950 mA max.
Weight (Gross)
0.6 kg (1.3 lb)
Communications
CAN Controller
SJA-1000
CAN Transceiver
82C250
Protocol
CAN2.0 A/B
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12 or 15
Memory Segment
From C800H to EF00H
Base Address
Signal Support
CAN_H, CAN_L
Protection
Isolation Protection
1,000 VDC
Environment
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Ordering Information
PCL-841
Dual-port Isolated CAN-bus Interface Card
Features
Operates two separate CAN networks at the same time
High speed transmission up to 500 kbps
16 MHz CAN controller frequency
Optical isolation protection of 1000 VDC ensures system reliability
Wide IRQ selection for each port: IRQ 3, 4, 5, 6, 7, 9, 10, 11, 12, 15
LEDs indicate Transmit/Receive status on each port
Direct memory mapping enables very fast access to the CAN controllers
Windows® DLL library and examples included
Supports Windows 2000/XP/Vista and Linux
Specifications
General
Card Interface
PC/104
Certifications
CE
Connectors
2 x DB9-M w/cable
Dimensions
90 x 96 mm (3.6" x 3.8")
Ports
2
Power Consumption
+5 V @ 400 mA
Communications
CAN Controller
SJA-1000
CAN Transceiver
82C250
Protocol
CAN2.0 A/B
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12 or 15
Memory Segment
From C800H to EFOOH
Base Address
Signal Support
CAN_H, CAN_L
Protection
Isolation Protection
1,000 VDC
Environment
Operating Temperature 0 ~ 65° C (32 ~ 122° F)
Ordering Information
PCM-3680
Dual-port Isolated CAN Interface Module
Features
Operates two separate CAN networks at the same time
High speed transmission up to 500 kbps
16 MHz CAN controller frequency
Optical isolation protection of 1000 VDC ensures system reliability
Wide IRQ selection for each port: IRQ 3, 4, 5, 6, 7, 9, 10, 11, 12, 15
LEDs indicate Transmit/Receive status on each port
Direct memory mapping enables very fast access to the CAN controllers
Windows DLL library and examples included
Supports Windows 2000/XP/Vista and Linux
PCM-3680
PCL-841


Similar Part No. - PCL-841

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-841 ADVANTECH-PCL-841 Datasheet
398Kb / 1P
2-port CAN-bus ISA Card with Isolation Protection
PCL-841 ADVANTECH-PCL-841 Datasheet
389Kb / 1P
2-port CAN-bus ISA Card with Isolation Protection
10-Apr-2017
PCL-841 ADVANTECH-PCL-841_V01 Datasheet
389Kb / 1P
2-port CAN-bus ISA Card with Isolation Protection
10-Apr-2017
More results

Similar Description - PCL-841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGUI9440-2 ETC1-TGUI9440-2 Datasheet
506Kb / 3P
TGUI9440-2 With Future ISA Bus Support
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
20-Bit, 2-Port Bus Switch with Undershoot Protection
logo
Advantech Co., Ltd.
PCI-1680U ADVANTECH-PCI-1680U Datasheet
526Kb / 1P
2-port CAN-bus Universal PCI Communication Card with Isolation Protection
MIC-3680 ADVANTECH-MIC-3680_15 Datasheet
258Kb / 1P
2-Port CAN-bus 3U CompactPCI짰 Card
PCI-841 ADVANTECH-PCI-841_14 Datasheet
398Kb / 1P
2-port CAN-bus ISA Card with Isolation Protection
logo
Moxa Inc.
CB-602I MOXA-CB-602I Datasheet
486Kb / 3P
2-port CAN interface PC/104-Plus modules with 2 kV isolation
CP-602E-I MOXA-CP-602E-I Datasheet
491Kb / 3P
2-port CAN interface PCI Express boards with 2 kV isolation
CP-602U-I MOXA-CP-602U-I Datasheet
496Kb / 3P
2-port CAN interface Universal PCI boards with 2 kV isolation
logo
Advantech Co., Ltd.
PCL-841 ADVANTECH-PCL-841_V01 Datasheet
389Kb / 1P
2-port CAN-bus ISA Card with Isolation Protection
10-Apr-2017
PCIE-1680 ADVANTECH-PCIE-1680 Datasheet
318Kb / 1P
2-Port CAN Bus PCIE Card with Isolation Protection
11-Nov-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com