Electronic Components Datasheet Search
  English  ▼

X  

TSM9409 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9409
Description  60V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9409 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM9409 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM9409
60V P-Channel MOSFET
2/6
Version: A08
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250uA
BVDSS
-60
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-1.0
--
--
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -60V, VGS = 0V
IDSS
--
--
-1.0
µA
On-State Drain Current
a
VDS =-5V, VGS = -10V
ID(ON)
-20
--
--
A
VGS = -10V, ID = -3.5A
--
125
155
Drain-Source On-State Resistance
a
VGS = -4.5V, ID = -3.1A
RDS(ON)
--
153
200
mΩ
Forward Transconductance
a
VDS = -15V, ID = -3.5A
gfs
--
8
--
S
Diode Forward Voltage
IS = -2.5A, VGS = 0V
VSD
--
-1.25
-1.5
V
Dynamic
b
Total Gate Charge
Qg
--
6
--
Gate-Source Charge
Qgs
--
1.7
--
Gate-Drain Charge
VDS = -15V, ID = -3.5A,
VGS = -10V
Qgd
--
1.5
--
nC
Input Capacitance
Ciss
--
540
--
Output Capacitance
Coss
--
60
--
Reverse Transfer Capacitance
VDS = -30V, VGS = 0V,
f = 1.0MHz
Crss
--
30
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
7
--
Turn-On Rise Time
tr
--
9
--
Turn-Off Delay Time
td(off)
--
19
--
Turn-Off Fall Time
VDD = -15V, RL = 15Ω,
ID = -1A, VGEN = -10V,
RG = 6Ω
tf
--
4
--
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com