Electronic Components Datasheet Search
  English  ▼

X  

TSM9426D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9426D
Description  20V Dual N-Channel MOSFET w/ESD Protected
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9426D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM9426D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9426D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9426D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9426D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
TSM9426D
20V Dual N-Channel MOSFET w/ESD Protected
2/4
Version: Preliminary
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
0.5
0.75
1.0
V
Gate Body Leakage
VGS = ±10V, VDS = 0V
IGSS
--
--
±10
uA
Zero Gate Voltage Drain Current
VDS = 16V, VGS = 0V
IDSS
--
--
10
uA
On-State Drain Current
VDS =5V, VGS = 4.5V
ID(ON)
30
--
--
A
VGS = 10V, ID = 9.4A
--
11
14
VGS = 4.5V, ID = 8A
--
12.6
16
VGS = 2.5V, ID = 6A
--
16.5
22
Drain-Source On-State Resistance
VGS = 1.8V, ID = 4A
RDS(ON)
--
23.4
30
mΩ
Forward Transconductance
VDS = 5V, ID = 8A
gfs
--
37
--
S
Diode Forward Voltage
IS = 1A, VGS = 0V
VSD
--
0.72
1
V
Dynamic
b
Total Gate Charge
Qg
--
4.65
6.05
Gate-Source Charge
Qgs
--
1.12
1.46
Gate-Drain Charge
VDS = 10V, ID = 8A,
VGS = 4.5V
Qgd
--
3.72
4.84
nC
Input Capacitance
Ciss
--
36.45
--
Output Capacitance
Coss
--
183.88
--
Reverse Transfer Capacitance
VDS = 10V, VGS = 0V,
f = 1.0MHz
Crss
--
14.57
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
487.6
--
Turn-On Rise Time
tr
--
800.4
--
Turn-Off Delay Time
td(off)
--
1728
--
Turn-Off Fall Time
VDD = 10V, RL = 1.2Ω,
ID = 1A, VGEN = 10V,
RG = 3Ω
tf
--
6180
--
nS
Notes:
a. pulse test: PW
300µS, duty cycle
2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com