Electronic Components Datasheet Search
  English  ▼

X  

PPC-125T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-125T
Description  12 Panel PC with Intel짰 Core??2 Duo Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-125T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-125T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-125T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-125T
Feature Details
Protection
To meet the requirements of a public environment, the front panel PPC-125T complies
with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power
management features make the system secure and stable. The onboard hardware
monitoring feature provides an automatic protection function, which prevents the CPU
from becoming overheated.
Expansion
To extend functionality, the PPC-125T is designed with either one expansion slot for PCI
card or PCIe card and six USB 2.0 (Univeral Serial Bus) ports. With these expansion
capabilities, the PPC-125T not only functions as an HMI, but also as a computing center
on which to build your applications.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-125T
modular design. In order to replace a defective LCD or touchscreen, one merely needs to
remove the front cover and LCD bracket instead of disassembling the whole system.
Touchscreen Options
Customers can choose from three optional types of standardized touchscreens: resistive,
capacitive, SAW (Surface Acoustic Wave). Flexible options for the PPC-125T offer a more
user-friendly interface for diverse environments.
365
100.95
37.600
Cut out
1
2
3
Audio Jacks
USB
KB/MS
VGA
COM
Power switch
COM4
LAN
PCI Card slot
AC Inlet
Ordering Information
Part No.
Description
PPC-125T-BAREE
12.1" Core 2 Duo Panel PC without T/S
PPC-125T-BARE-TE
12.1" Core 2 Duo Panel PC with Resi. T/S
PPC-125T-BARE-FTE
12.1" Fanless Resi.T/S Panel PC with embedded Intel®
Celeron® M 1.06 GHz CPU
PPC-120 STAND
Stand kit for PPC-154/123/125 series
PPC-120 SWINARM
Swingarm kit for PPC-123/125 series
PPC-120 WL-MT
Wall mount kit for PPC-154/123/125 series
PPC-ARM-A03
PPC ARM VESA Standard
1700001947
Power cable 2P 180cm, USA (For Fanless DC model)
1700001948
Power cable 2P 180cm, Europe (For Fanless DC model)
989K012500E
PCI-e riser card with rear add-on box (W/O ODD)
989K012501E
Combo Drive Module for PPC-125
989K012502E
DVD-RW Drive Module for PPC-125
989K012503E
PCI riser card with rear add-on box (W/O ODD)
1702002605
POWER CABLE 90D 220V EUROPEAN 250V/6A 1.8M
1702002600
Power Cable UL/CSA (USA) 180D 125V10A 1.83M
(For AC model)
Fully-Integrated I/O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com