Electronic Components Datasheet Search
  English  ▼

X  

PPC-L61T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-L61T
Description  6.5 Fanless Panel PC with AMD Geode??LX800 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L61T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-L61T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L61T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
Fully-Integrated I/O
A. Serial Ports (RS-232/422/485)
B. Serial Ports ( RS-232)
C. Ethernet Jack
D. USB 2.0 X 2
E. VGA port
F. DC inlet
Ordering Information
Part No.
Description
PPC-L61T-070-XE
AMD LX800 500 MHz processor-based fanless Panel PC
with 6.5 inch TFT LCD
PPC-L61T-R70-XE
PPC-L61T-070-XE with resistive touchscreen
PPC-L61T-CE-RTE
PPC-L61T with Windows CE.Net (English) on 256 MB
CompactFlash
Accessories
Part No.
Description
PS-DC19-L60
19 VDC power adapter module for PPC-L60T/ PPC-L61T
PPC-174 WL-MT
Wall mount kit for PPC-174T
989KL61T00E
HDD kit for PPC-L61T (SATA Interface)
989KL12709E
Wireless LAN Module for PPC-L127T
1700001524
Power cable 3P/3P power supply 1.8 M FPM-306
170203183C
Power CABLE 3P Europe (WS-010 + 083) 183 cm
PPC-L61T
A
B
C
D
E
F
Specifications
Environmental
Specifications
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock (Operating)
10 G peak acceleration (11 ms duration)
Vibration
1 G
EMC
BSMI, CE, FCC Class B, VCCI
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 / NEMA compliant
202.00
42.00
7.00
186.00
1.50
190,00
cutout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com