Electronic Components Datasheet Search
  English  ▼

X  

SW12430W Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW12430W
Description  High rate discharge battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW12430W Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW12430W Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330A
210A
140A
60A
18A
11A
10.2
13.8
11.4
12.0
12.6
13.2
10.8
9.60
9.00
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
7.80
8.40
12 V
430W
110Ah
219 mm (8.63 inches)
214 mm (8.43 inches)
330 mm (13.0 inches)
172 mm (6.78 inches)
34 Kg (72.8 lbs)
SW12430W(12V110Ah)
SW1
2430
W
(12V
100A
H)
330
172
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Capacity
25 (77 )
Internal Resistance
Charge
(constant
Voltage)
30min rate
15min rate
5min rate
1555W
2580W
4553W
Full charged Battery at 25 (77 ) 3.0 m
40 (104 )
25 (77 )
0 (32 )
-15 (5 )
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T10 T16
Initial Charging Current less than 22A
Voltage 14.10-14.40V
Voltage 13.50-13.80V
Self-Discharge
at 25 (77 )
Constant power discharge :watts(
)
o
o
25 C , 77 F
Constant current discharge unit:A(
)
o
o
25 C , 77 F
R
Edition September 2009
Nominal Voltage
Total Height
Height
Length
Width
Dimensions
Weight Approx
CAPACITY(15 minutes rate to 1.67V/cell)
Rated capacity (10 hour rate)
5min
10min 15min 20min 30min 45min 60min 90min
9.60V
4553
3406
2639
2175
1622
1194
936
696
10.02V
4358
3295
2580
2138
1585
1150
914
672
10.2V
4164
3170
2521
2086
1555
1135
892
649
10.5V
3973
3096
2455
2049
1526
1098
855
618
10.8V
3779
2772
2175
1902
1356
980
774
594
11.1V
3365
2477
1976
1754
1261
921
728
565
5min 15min 30min 45min 60min 90min
5h
10h
9.60V 407.6 235.1 143.9 105.2 82.1
60.9
18.1
11.8
10.02V 386.0 225.8 138.0 99.8
78.5
57.8
17.9
11.6
10.2V 359.0 217.6 133.3 97.6
75.9
55.3
17.8
11.3
10.5V 332.0 203.5 124.0 89.6
69.2
51.9
17.6
11.0
10.8V 316.5 180.1 112.1 80.9
63.7
48.7
17.4
10.7
11.1V 277.9 164.9 104.6 75.9
59.8
46.2
17.0
10.4
14
M6
16


Similar Part No. - SW12430W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12430W SUNNYWAY-SW12430W_17 Datasheet
160Kb / 1P
Constant power discharge:watts
More results

Similar Description - SW12430W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1221W SUNNYWAY-SW1221W Datasheet
384Kb / 1P
High rate discharge battery
SW1225W SUNNYWAY-SW1225W Datasheet
394Kb / 1P
High rate discharge battery
SW1234W SUNNYWAY-SW1234W Datasheet
280Kb / 1P
High rate discharge battery
SW1251W SUNNYWAY-SW1251W Datasheet
270Kb / 1P
High rate discharge battery
SW6620W SUNNYWAY-SW6620W Datasheet
365Kb / 1P
High rate discharge battery
SW12150W SUNNYWAY-SW12150W Datasheet
264Kb / 1P
High rate discharge battery
SW12170W SUNNYWAY-SW12170W Datasheet
265Kb / 1P
High rate discharge battery
SW12310W SUNNYWAY-SW12310W Datasheet
324Kb / 1P
High rate discharge battery
SW12520W SUNNYWAY-SW12520W Datasheet
283Kb / 1P
High rate discharge battery
SW12750W SUNNYWAY-SW12750W Datasheet
298Kb / 1P
High rate discharge battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com