Electronic Components Datasheet Search
  English  ▼

X  

PPC-S155T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-S155T
Description  15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-S155T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-S155T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-S155T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-S155T
15" UltraSlim™ Panel PC with
Intel® Pentium®/Celeron® M Processor
15" TFT XGA LCD
Intel® Celeron® M CPU up to 1.5 GHz/Pentium® M up to 2.0 GHz
System memory up to 2 GB DDR2 SDRAM
Built-in speakers
One Mini PCI socket
Gigabit Ethernet
Supports one internal CompactFlash® Type ll socket (IDE interface)
UltraSlim™ profile: only 60mm (2.36" in depth)
Introduction
PPC-S155T is a high performance and UltraSlim 15" panel computer, incorporating all the features of a powerful computer packed into a slender, stylish housing. It is built with a
15" TFT XGA LCD, a high performance, low power consumption Intel Pentium/Celeron M processor up to 2.0 GHz, and with an Intel 915GME chipset with integrated Intel Graphics
Media Accelerator 900 (Intel GMA 900) engine. The PPC-S155T provides a state-of-the-art information terminal or computing platform for POI, POS, HMI and Kiosk applications.
The compact and slim design makes the PPC-S155T very easy to install when space is limited.
Specifications
Processor System
CPU
Supports Socket 478 based Intel Celeron-M 1.5 GHz/Pentium-M up to 2.0 GHz processor
Memory
Supports up to 2 GB DDR2 SDRAM SODIMM
SSD
Supports 1 x Internal CompactFlash Type ll socket
HDD
1 x SATA HDD interface (2.5" HDD bay)
CD-ROM Drive (optional)
Compact 24X or above
Combo Drive (optional)
DVD/CD-RW 8D/24W/24E/24R or above
DVD+/-RW(optional)
Optional 8X DVD+R/4X DVD-R/4X
DVD+RW/4X DVD-RW/24X CD-R/10X
CD-RW writing 8X DVD/24X CD read or above
Network (LAN)
Gigabit Ethernet
Bus Expansion
1 x Mini PCI expansion slot
Front Panel Protection
IP65/NEMA 4 compliant
Dimensions (W x H x D)
375 x 299 x 60 mm (14.76" x 11.77" x 2.36")
Weight
4.9 kg (10.78 lb)
LCD Display
Display Type
15" TFT
Resolution
1024 x 768
Colors
256 K or above
Pixel Pitch
0.297 x 0.297 mm
Brightness
350 cd/m2 (Typ.)
Viewing Angle
60° (left), 60° (right), 40° (up), 60° (down)
Simultaneous Mode
Yes (Optional)
Backlight MTBF
50,000 hrs
Touchscreen (Optional)
Type
Analog Resistive
Capacitive
Resolution
Continuous
1024 x 1024
Light Transmission
80%
91.5%
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
Durability (Touches)
35 million
225 million
Power adaptor
Output Rating
72W / 90W (Optional)
Output Voltage
19 VDC @ 3.79 A (Typical)
Input range
100 VAC ~ 240 VAC
Environmental
Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Relative Humidity
10 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
CE, FCC Class B,BSMI,CCC
Safety
UL, CE, CB, BSMI, CCC


Similar Part No. - PPC-S155T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-S153STAND ADVANTECH-PPC-S153STAND Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S154T-080-XE ADVANTECH-PPC-S154T-080-XE Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S154T-R80-XE ADVANTECH-PPC-S154T-R80-XE Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S154WL-MT ADVANTECH-PPC-S154WL-MT Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
More results

Similar Description - PPC-S155T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-6150-Ri5AE ADVANTECH-PPC-6150-Ri5AE Datasheet
567Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Advantech Co., Ltd.
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com