Electronic Components Datasheet Search
  English  ▼

X  

SW1240 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW1240
Description  General Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW1240 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW1240 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.4
7.8
9.0
9.6
10.8
13.2
12.6
12.0
11.4
13.8
10.2
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
12V
4.0Ah
75mm (2.95 inches)
70mm (2.76inches)
194mm (7.64 inches)
47mm (1.85inches)
1.7Kg (3.74 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(0.20 A)
10 hour rate(0.37 A)
5 hour rate(0.68 A)
1 hour rate(2.40 A)
4.00 AH
3.70 AH
3.40 AH
2.40 AH
1.5 hour discharge to 10.5V
Full charged Battery at 25 (77 )
1.7 A
35 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T0
Initial Charging Current less than1.60A
Voltage 14.40-14.70V
Voltage 13.50-13.80V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
9.60V
10.20V
10.50V
10.80V
11.10V
SW1240(12V4.0AH)
SW1
240
(12V
4.0A
H)
Self-Discharge
at 25
(77
)
3.2
6.35
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
14.4A
12A
8.0A
4.0A
1.6A
0.80A 0.40A
0.20A
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
Edition May 2008
47
194


Similar Part No. - SW1240

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1240 SUNNYWAY-SW1240 Datasheet
380Kb / 1P
General Battery
SW12400 SUNNYWAY-SW12400 Datasheet
402Kb / 1P
General Battery
SW12400E SUNNYWAY-SW12400E Datasheet
407Kb / 1P
Photovaltaic & wind power battery
SW12400E SUNNYWAY-SW12400E_17 Datasheet
480Kb / 1P
SW12400E(12V40AH)
SW12400II SUNNYWAY-SW12400II Datasheet
402Kb / 1P
General Battery
More results

Similar Description - SW1240

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
General Battery
SW680 SUNNYWAY-SW680 Datasheet
400Kb / 1P
General Battery
SW1208 SUNNYWAY-SW1208 Datasheet
343Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215_1 Datasheet
414Kb / 1P
General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226 Datasheet
383Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
General Battery
SW1233 SUNNYWAY-SW1233 Datasheet
382Kb / 1P
General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com