Electronic Components Datasheet Search
  English  ▼

X  

SW1250 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW1250
Description  General Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW1250 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW1250 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.4
7.8
0 1 2
4 6 8 10
4 6 8 10
2
20 4060
20 40
9.0
9.6
10.8
13.2
12.6
12.0
11.4
13.8
10.2
0.25A
0.50A
1.0A
2.0A
5.0A
10A
15A
18A
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
12V
5.0Ah
106mm (4.17 inches)
101mm (3.98 inches)
90mm (3.54 inches)
70mm (2.76 inches)
1.6Kg (3.53 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(0.25 A)
10 hour rate(0.46 A)
5 hour rate(0.85 A)
1 hour rate(3.00 A)
5.00 AH
4.60 AH
4.25 AH
3.00 AH
1.5 hour discharge to 10.5V
Full charged Battery at 25 (77 )
2 A
25 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T2
Initial Charging Current less than 2.0 A
Voltage 14.40-14.70V
Voltage 13.50-13.80V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
9.60V
10.20V
10.50V
10.80V
11.10V
SW1250(12V5.0AH)
SW
125
0
(12V
5.0A
h)
90
70
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
3.4
7.85


Similar Part No. - SW1250

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1250 SUNNYWAY-SW1250 Datasheet
382Kb / 1P
General Battery
SW12500 SUNNYWAY-SW12500 Datasheet
463Kb / 1P
General Battery
SW1250E SUNNYWAY-SW1250E Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250 SUNNYWAY-SW1250_1 Datasheet
382Kb / 1P
General Battery
SW1250 SUNNYWAY-SW1250_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
More results

Similar Description - SW1250

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
General Battery
SW680 SUNNYWAY-SW680 Datasheet
400Kb / 1P
General Battery
SW1208 SUNNYWAY-SW1208 Datasheet
343Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215_1 Datasheet
414Kb / 1P
General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226 Datasheet
383Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
General Battery
SW1233 SUNNYWAY-SW1233 Datasheet
382Kb / 1P
General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com