Electronic Components Datasheet Search
  English  ▼

X  

USB-4604B Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4604B
Description  4-port RS-232 Serial to USB Converter with ESD Surge Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4604B Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4604B Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
USB-4604B
USB-4604BM
4-port RS-232 Serial to USB Converter
with ESD Surge Protection
4-port Serial to USB Converter with ESD
Surge Protection
Full compliance with USB V1.1 and V2.0 specifications
RS-232/422/485 port supported
Transmission speed up to 921.6 kbps
Automatic RS-485 data flow control
Bus-powered; no need for external power supply
Plug & Play installation
No additional IRQs or I/O ports required
Hot swap function supported
Introduction
USB-4604 series allows PC users to connect a serial device to a system that use a USB interface. To attach the USB-4604B/4604BM to a PC, you don’t need to open the chassis or
power down your PC. Instantly get extra high-speed RS-232/422/485 ports. The power is derived from the USB port, so there are no power adapters to deal with. This makes the
USB-4604B/4604BM especially suitable for modems, printers, POS systems and industrial control devices.
Supporting USB2.0 high speed, USB-4604B/4604BM features several powerful functions such as high-speed 921.6 kbps transmission, support for various operating systems,
independent RS-232/422/485 ports and more. By simply plugging in a USB hub, USB-4604B and USB-4604BM eliminates the configuration issues associated with high-priced,
older card solutions. You only have to install the drivers, no need to set cards slots, IRQ addresses, DMA channels, or device addresses. This reduces programming effort.
Specifications
General
Certifications
CE, FCC (Class A)
Connectors
1 x USB Type B (Type A to Type B cable provided)
4 x DB9
Enclosure
ABS+PC
USB Cable
Max. 15ft (4.6 m)
Insert
Power Input
10 to 48 VDC (external) or 5 VDC (Bus powered)
Power Consumption
130 mA @ 5 V (Typical)
200 mA @ 5 V (Max.)
Communications
Data Bits
5, 6, 7, 8
Parity
None, Odd, Even, Space, Mark
Stop Bits
1, 1.5, 2
Transmission Speed
up to 921.6 kbps
Protection
EFT Protection
2,500 VDC
ESD Protection
IC Embedded 16KV
Mechanism
Dimensions
132 x 80 x 32 mm
Enclosure
ABS+PC
Mounting
DIN-rail, panel
Software
Driver Support
Windows 2000/XP/2003, Windows CE 5.0
Environment
Operating Temperature 0 ~ 55° C (32 ~ 131° F)
Storage Temperature
-25 ~ 80° C (-13 ~ 176° F)
Operating Humidity
20 ~ 95% RH
Ordering Information
USB-4604B
4-port RS-232 to USB Converter w/ESD
USB-4604BM
4-port RS-232/422/485 to USB Converter w/ESD
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - USB-4604B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
USB-4620 ADVANTECH-USB-4620 Datasheet
420Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
6-Feb-2023
USB-4620-AE ADVANTECH-USB-4620-AE Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
USB-4620-AE ADVANTECH-USB-4620-AE Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
USB-4620-AE ADVANTECH-USB-4620-AE Datasheet
420Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
6-Feb-2023
More results

Similar Description - USB-4604B

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-4110U ORING-ISC-4110U Datasheet
803Kb / 4P
Industrial 1-port USB to 4/8-port RS-232 serial media converter
logo
Moxa Inc.
2210 MOXA-2210 Datasheet
841Kb / 4P
2 and 4-port RS-232 USB-to-serial converters
logo
Advantech Co., Ltd.
USO9ML2 ADVANTECH-USO9ML2 Datasheet
456Kb / 2P
USB to RS-232 Converter With Isolation
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
USBG-COMI-M COOLGEAR-USBG-COMI-M Datasheet
1Mb / 3P
USB 2.0 to RS-232/422/485 Selectable Industrial Serial Adapter w/ 15kV ESD Surge Protection
Rev 04.220314
logo
Advantech Co., Ltd.
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485COSR ADVANTECH-BB-485COSR Datasheet
470Kb / 2P
RS-232 to RS-485 Serial Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com