Electronic Components Datasheet Search
  English  ▼

X  

XB1014-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XB1014-QT
Description  37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1014-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XB1014-QT Datasheet HTML 1Page - Mimix Broadband XB1014-QT Datasheet HTML 2Page - Mimix Broadband XB1014-QT Datasheet HTML 3Page - Mimix Broadband XB1014-QT Datasheet HTML 4Page - Mimix Broadband XB1014-QT Datasheet HTML 5Page - Mimix Broadband XB1014-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
37.0-40.0 GHz GaAs MMIC
Buffer Amplifier, QFN
B1014-QT
Buffer Amplifier Measurements
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 22-Jan-10
XB1014-QT: Output Return Loss (S22)
Vd = 4V, Id1 = Id2 = 62.5 mA, Id3 = 125 mA
-30
-25
-20
-15
-10
-5
0
5
10
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XB1014-QT: Reverse Isolation (S12)
Vd = 4V, Id1 = Id2 = 62.5 mA, Id3 = 125 mA
-60
-55
-50
-45
-40
-35
-30
-25
-20
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XB1014-QT: Small Signal Gain (S21)
Vd = 4V, Id1 = Id2 = 62.5 mA, Id3 = 125 mA
0
5
10
15
20
25
30
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XB1014-QT: Input Return Loss (S11)
Vd = 4V, Id1 = Id2 = 62.5 mA, Id3 = 125 mA
-30
-25
-20
-15
-10
-5
0
5
10
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XB1014-QT: OIP3 vs Freq
Pscl=+5dBm; Vd1,2,3=4.0V, Id1=Id2=62.5mA, Id3=125mA
26
27
28
29
30
31
32
33
34
35
36
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XB1014-QT: C/I3 vs Freq
Pscl=+5dBm; Vd1,2,3=4.0V, Id1=Id2=62.5mA, Id3=125mA
40
42
44
46
48
50
52
54
56
58
60
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com