Electronic Components Datasheet Search
  English  ▼

X  

XP9003-MB Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP9003-MB
Description  1.6 GHz 30W Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP9003-MB Datasheet(HTML) 1 Page - Mimix Broadband

  XP9003-MB Datasheet HTML 1Page - Mimix Broadband XP9003-MB Datasheet HTML 2Page - Mimix Broadband XP9003-MB Datasheet HTML 3Page - Mimix Broadband XP9003-MB Datasheet HTML 4Page - Mimix Broadband XP9003-MB Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
00.5
11.5
2
2.5
3
Frequency (GHz)
XP9003-MB: Gain
-50
-40
-30
-20
-10
0
10
20
30
40
50
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
1.6 GHz
30W Power Amplifier Module
May 2009 - Rev 12-May-09
P9003-MB
Peak-Envelope Power, 30W with Pulsed Signal
3W Linear Power
38 dB Gain
9V Positive Voltage Supply
Fully Matched Internally
Thermally Efficient for Higher MTTF
Balanced Output Construction
Shielded Metal Lid
Low Harmonic Content
Small Size, 40x36mm
Surface Mount Package
Features
General Description
The XP9003-MB is a highly linear 3-stage power amplifier
module capable of 38 dB of gain, 30W of peak-power
and is housed in a surface mount, thermally efficient
package. XP9003-MB is fully matched internally and does
not require external components. The module operates
off a 9V voltage supply rail and is equipped with active
bias circuit and control voltage allowing for current
setting and minimizing variation over temperature and
voltage. This product is designed specifically for satellite
communication transmitters with high peak to average
signals. XP9003-MB achieves excess of 35 dBm of linear
power and less than -45 dBc adjacent channel power
ratio when operated under a 16 QAM traffic signal with 6
dB peak to average ratio.
Absolute Maximum Ratings
Operating this device above any of the above parameters
may cause permanent damage
Supply Voltage
+9.0V
Thermal Resistance
2.25°C/W
Moisture Sensitivity Rating
MSL 3
RF Input Power
+10 dBm
Storage Temperature
-55°C to 125 °C
Junctions Temperature
175°C
Operating Temperature
-40°C to 85 °C
ESD (HBM)
TBD


Similar Part No. - XP9003-MB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP9003 MIMIX-XP9003 Datasheet
719Kb / 5P
30W Power Amplifier Module
XP9003 MIMIX-XP9003_10 Datasheet
719Kb / 5P
30W Power Amplifier Module
More results

Similar Description - XP9003-MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
9.8-13.0 GHz 1.6 W Power Amplifier
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
1.6 GHz Low Noise Amplifier
logo
Mimix Broadband
XP9003 MIMIX-XP9003_10 Datasheet
719Kb / 5P
30W Power Amplifier Module
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
6-12 GHz 30W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com