Electronic Components Datasheet Search
  English  ▼

X  

SW12900 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW12900
Description  General Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW12900 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW12900 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
4
2
1
9.0
8.4
7.8
9.6
10.2
10.8
11.4
12.0
12.6
13.2
13.8
10
(Min)
6 8
40
20
60
(h)
4
2
6
10
8
20 40
90A
199A
18A
9A
45A
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
12V
90 Ah
211 mm (8.30 inches)
307 mm (12.08 inches)
169mm (6.65 inches)
28Kg (61.88 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(9.0 A)
5 hour rate(14.4 A)
1 hour rate(54.0 A)
90 AH
72 AH
54 AH
Full charged Battery at 25 (77 )
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T16
T16
T10
T10
Initial Charging Current less than 36 A
Voltage 14.10-14.40V
Voltage 13.50-13.80V
SW12900(12V90AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
216 mm (8.50 inches)
234 mm (9.21 inches)
Terminal Type (mm)
14
M6
16
9
3
22
T10
T16
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
10.20V
10.50V
10.80V
11.10V
9.60V
307
307
237
237
1
1
1
1
approx
4.5 m


Similar Part No. - SW12900

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12900E SUNNYWAY-SW12900E Datasheet
421Kb / 1P
Photovaltaic & wind power battery
SW12900E SUNNYWAY-SW12900E_17 Datasheet
522Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12900II SUNNYWAY-SW12900II Datasheet
453Kb / 1P
General Battery
SW12900 SUNNYWAY-SW12900_11 Datasheet
462Kb / 1P
General Battery
SW12900 SUNNYWAY-SW12900_17 Datasheet
367Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at25
More results

Similar Description - SW12900

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
General Battery
SW680 SUNNYWAY-SW680 Datasheet
400Kb / 1P
General Battery
SW1208 SUNNYWAY-SW1208 Datasheet
343Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215_1 Datasheet
414Kb / 1P
General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226 Datasheet
383Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
General Battery
SW1233 SUNNYWAY-SW1233 Datasheet
382Kb / 1P
General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com