Electronic Components Datasheet Search
  English  ▼

X  

USB-4718 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4718
Description  8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4718 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4718 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
RoHS
COMPLIANT
2002/95/EC
USB-4718
8-ch Thermocouple Input USB Module
with 8-ch Isolated Digital Input
Supports USB 2.0
Supports voltage, current, and thermocouple inputs
Bus-powered
8 thermocouple input channels
2,500 VDC isolation
Supports 4 ~ 20 mA current input
Detachable screw terminal on modules
8-ch isolated DI and 8-ch isolated DO
Suitable for DIN-rail mounting
One lockable USB cable for secure connection included
Introduction
The USB-4700 series consists of true Plug & Play data acquisition devices. No more opening up your computer chassis to install boards-just plug in the module, then get the data.
It’s easy and efficient. USB-4718 offers 8 thermocouple inputs with 16-bit resolution, up to 0.1% input range accuracy. Portable design makes the USB-4718 suitable for the field
research. Also the input channels can be set separately make it possible handling multiple types of sensor with only one USB-4718 module.
Reliable and rugged enough for industrial applications, yet inexpensive enough for home projects, the USB-4718 is the perfect way to add measurement and control capability to any USB
capable computer. The USB-4700 series is fully plug and play and easy to use. It obtains all required power from the USB port, so no external power connection is ever required.
Specifications
Analog Input
Accuracy
±0.1% for voltage input
Bandwidth
13.1 Hz @ 50 Hz,
15.72 Hz @ 60 Hz
Channels
8 differential
Ch. Independent Conf. Yes
CMR @ 50/60 Hz
92 dB min.
Resolution
16 bits
Input Impedance
1.8 M
Ω
lnput Range
0 ~ 15 mV, 0 ~ 50 mV, 0 ~ 100 mV, 0 ~ 500 mV,
0 ~ 1 V, 0 ~ 2.5 V, 0 ~ 20 mA, 4 ~ 20 mA
lnput Types
Thermocouple, mV, V, mA
Sampling Rate
10 S/s (total)
Span Drift
±25 ppm/° C
T/C Type and Temperature Ranges
J
0 ~ 760° C
R
500 ~ 1750° C
K
0 ~ 1370° C
S
500 ~ 1750° C
T
-100 ~ 400° C
B
500 ~ 1800° C
E
0 ~ 1000° C
TVS/ESD Protection
Built-in
Zero Drift
±0.3 μV/° C
Isolated Digital Input
Channels
8
Input Voltage
Logic 0: 2 V max.
Logic 1: 5 V min. (30 V max.)
Isolation Protection
2,500 VDC
Opto-isolator Response 25 μs
Isolated Digital Output
Channels
8
Output Type
Sink (NPN)
Isolation Protection
2,500 VDC
Output Voltage
5 ~ 30 VDC, 1.1 A max./ total
Sink Current
200 mA max./channel
Opto-isolator Response 25 μs
General
Bus Type
USB 2.0
I/O Connector
Onboard screw terminal
Dimensions (Lx W x H) 132 x 80 x 32 mm
Power Consumption
100 mA @ 5 V
Watchdog Timer
1.6 sec. (system)
Operating Temperature 0 ~ 60° C (32 ~ 140° F) (refer to IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Humidity
5 ~ 95% RH non-condensing (refer to IEC 68-2-3)
Ordering Information
USB-4718
8-ch Thermocouple Input USB Module
1960004544
Wallmount Bracket
1960005788
VESA Mount Bracket


Similar Part No. - USB-4718

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4718-AE ADVANTECH-USB-4718-AE Datasheet
156Kb / 1P
8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
More results

Similar Description - USB-4718

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4118 ADVANTECH-ADAM-4118 Datasheet
703Kb / 1P
Robust 8-ch Thermocouple Input Module with Modbus
ADAM-5052 ADVANTECH-ADAM-5052 Datasheet
624Kb / 1P
8-ch Isolated Digital Input Module
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
ADAM-4118 ADVANTECH-ADAM-4118_15 Datasheet
298Kb / 1P
Robust 8-ch Thermocouple Input Module with Modbus
USB-4718-AE ADVANTECH-USB-4718-AE Datasheet
156Kb / 1P
8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input USB Module
ADAM-3656 ADVANTECH-ADAM-3656 Datasheet
322Kb / 1P
8-ch Digital Input Module
ADAM-3651 ADVANTECH-ADAM-3651 Datasheet
192Kb / 1P
8-ch Digital Input Module
ADAM-4118 ADVANTECH-ADAM-4118_V01 Datasheet
516Kb / 1P
Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
AMAX-5051 ADVANTECH-AMAX-5051 Datasheet
475Kb / 1P
8-ch Digital Input Module
3-Mar-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com