Electronic Components Datasheet Search
  English  ▼

X  

USB-4750 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4750
Description  32-ch Isolated Digital I/O USB Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4750 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4750 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial USB I/O Modules
Features
RoHS
COMPLIANT
2002/95/EC
USB-4750
Compatible with USB 1.1/2.0
Bus-powered
16 isolated DI and 16 isolated DO channels
High voltage isolation on all channels (2,500 VDC)
High sink current on isolated output channels (100 mA/Channels)
Supports 5 ~ 50 VDC isolated input channels
Interrupt handling
Timer/counter capability
Suitable for DIN-rail mounting
One lockable USB cable for secure connection included
Specifications
Isolated Digital Input
Channels
16
Input Voltage
Logic 0: 2 V max.
Logic 1: 5 V min. (60 V max.) or dry contact
Interrupt Capable Ch. 2
Isolation Protection
2,500 VDC
Isolated Digital Output
Channels
16
Output Type
Sink (NPN)
Isolation Protection
2,500 VDC
Output Voltage
5 ~ 40 VDC
Sink Current
100 mA max. per channel
Total 1.1 A max.
Isolated Counter
Channels
2
Resolution
32-bit
Max. Input Frequency 1 MHz
Isolation Protection
2,500 VDC
General
Bus Type
USB 1.1/2.0
I/O Connectors
Onboard screw terminals
Dimensions (L x W x H) 132 x 80 x 32 mm
Power Consumption
Typical: 200 mA @ 5 V
Max.: 300 mA @ 5 V
Operating Temperature 0 ~ 60° C (32 ~ 140° F) (refer to IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Humidity
5 ~ 95% RH, non-condensing (refer to IEC 68-2-3)
Ordering Information
USB-4750
32-ch Isolated Digital I/O USB Module
1960004544
Wallmount Bracket
1960005788
VESA Mount Bracket
32-ch Isolated Digital I/O USB Module
Introduction
The USB-4700 series consists of true Plug & Play data acquisition devices. No more opening up your computer chassis to install boards-just plug in the module, then get the data.
It’s easy and efficient. USB-4750 is a 32-channel isolated digital I/O module. With isolation protection of 2,500 VDC, and dry contact support, USB-4750 is ideal for industrial applications
where high-voltage protection is required. Each I/O channel of the USB-4750 corresponds to a bit in an I/O port. This makes USB-4750 very easy to program. This module also offers
a counter or timer and one digital input interrupt lines to a PC. So users can then easily do configurations by software.
Reliable and rugged enough for industrial applications, yet inexpensive enough for home projects, the USB-4750 is the perfect way to add measurement and control capability to any
USB capable computer. The USB-4750 is fully USB Plug & Play and easy to use. It obtains all required power from the USB port, so no external power connection is ever required.


Similar Part No. - USB-4750

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4750 ADVANTECH-USB-4750 Datasheet
451Kb / 1P
32-Ch Isolated Digital I/O USB Module
27-Jun-2018
USB-4750 ADVANTECH-USB-4750 Datasheet
456Kb / 1P
32-Ch Isolated Digital I/O USB Module
14-Apr-2023
USB-4750-AE ADVANTECH-USB-4750-AE Datasheet
152Kb / 1P
32-ch Isolated Digital I/O USB Module
USB-4750-BE ADVANTECH-USB-4750-BE Datasheet
451Kb / 1P
32-Ch Isolated Digital I/O USB Module
27-Jun-2018
USB-4750-CE ADVANTECH-USB-4750-CE Datasheet
456Kb / 1P
32-Ch Isolated Digital I/O USB Module
14-Apr-2023
More results

Similar Description - USB-4750

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3730I ADVANTECH-PCM-3730I Datasheet
650Kb / 1P
32-ch Isolated Digital I/O PCI-104 Module
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
702Kb / 1P
18-ch Isolated Digital I/O Module
PCM-3730I ADVANTECH-PCM-3730I_14 Datasheet
714Kb / 1P
32-ch Isolated Digital I/O PCI-104 Module
USB-4750-AE ADVANTECH-USB-4750-AE Datasheet
152Kb / 1P
32-ch Isolated Digital I/O USB Module
USB-4751-AE ADVANTECH-USB-4751-AE Datasheet
147Kb / 1P
48-ch Digital I/O USB Module
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
32-ch Isolated Digital I/O Module
USB-4750 ADVANTECH-USB-4750_V01 Datasheet
451Kb / 1P
32-Ch Isolated Digital I/O USB Module
27-Jun-2018
USB-5855 ADVANTECH-USB-5855 Datasheet
623Kb / 1P
32-ch Isolated Digital Input & 16-ch PhotoMOS Relay USB 3.0 I/O module
27-Jun-2018
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
AIIS-1750 ADVANTECH-AIIS-1750 Datasheet
308Kb / 1P
32-ch Isolated Digital I/O Card
4-Oct-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com