Electronic Components Datasheet Search
  English  ▼

X  

MSL-174G Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MSL-174G
Description  Surface Mount Chip LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-174G Datasheet(HTML) 2 Page - Unity Opto Technology

  MSL-174G Datasheet HTML 1Page - Unity Opto Technology MSL-174G Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSL-174G
Optical-Electrical Characteristics
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
3.0
6.5
-
mcd
Forward Voltage
IF=20mA
VF
-
2.3
2.6
V
Reverse Current
IR
-
-
10
µA
Peak/Dominant Wavelength
IF=20mA
λ
p/λd
-
568/570
-
nm
Spectral Linewidth
IF=20mA
∆λ
-
30
-
nm
Viewing Angle
IF=20mA
2θ1/2
-
130
-
deg.
Typical Optical-Electrical Characteristic Curves
11/24/2000
VR=5V
@ T
A=25
oC
Unity Opto Technology Co., Ltd.
Forward current (mA)
FIG. 4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT.
Ambient Temperature (
oC)
FIG.5 LUMINOUS INTENSITY VS.
AMBIENT TEMPERATURE
Ambient Temperature(
)
FIG. 3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE.
Forward Voltage (V)
FIG.2 FORWARD CURRENT
VS. FORWARD VOLTAGE.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
0.5 0.3 0.1
0.2 0.4 0.6
1.0
0.9
0.8
0
o
10
o
20
o
FIG.6 RADIATION DIAGRAM
90°
70°
30°
40°
60°
50°
80°
0
10
20
30
40
0
25
50
75
100
0
5
10
15
20
25
30
0.1
1
10
-30 -20 -10 0 10 20 30 40 50 60 70
0
0.5
1
510
550
590
630
Wavelength (nm)
FIG.1 RELATIVE INTENSITY LUMINOUS
VS. WAVELENGTH
1.0
1.5
2.0
2.5
3.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com