Electronic Components Datasheet Search
  English  ▼

X  

MAX1940EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1940EEE
Description  Triple USB Switch with Autoreset and Fault Blanking
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1940EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1940EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Triple USB Switch with Autoreset and
Fault Blanking
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN_, ON_, OUT_, SEL, FAULT_, to GND...................-0.3V to +6V
IN1, IN2 to OUTA......................................................-0.3V to +6V
IN2, IN3 to OUTB......................................................-0.3V to +6V
IN4, IN5 to OUTC .....................................................-0.3V to +6V
OUT_ Continuous Switch Current
(per channel, internally limited).........................................1.4A
FAULT_ DC Current ............................................................20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN_ = 5V, CIN_ = 0.1µF, COUT_ = 1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN_
4.0
5.5
V
Switch On-Resistance
RON
TA = 0°C to +85°C, each switch
85
135
m
Ω
Standby Supply Current
All switches disabled
3
10
µA
One switch enabled, IOUT_ = 0
47
75
Two switches enabled, IOUT_ = 0
55
90
Quiescent Supply Current
IIN_
All switches enabled, IOUT_ = 0
63
100
µA
OUT_ Off-Leakage Current
ILKG
All switches disabled, VOUT_ = 0,
TA = 0°C to +85°C
0.02
10
µA
Undervoltage Lockout Threshold
VULVO
Rising edge, 3% hysteresis
3.0
3.4
3.8
V
Continuous Load Current
500
mA
Continuous Current Limit
ILIM
VIN_ - VOUT_ = 0.5V
0.7
0.9
1.2
A
0.9
1.2
1.6
APK
Short-Circuit Current Limit
ISC
VOUT_ = 0 (IOUT_ pulsing)
0.35
ARMS
Short-Circuit Detect Threshold
(Note 1)
1
V
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT_ asserted
10
20
35
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT_ asserted
7.5
18
35.0
ms
Turn-On Delay
tON
ROUT_ = 10
Ω, does not include rise time
(from ON_ to 10% of VOUT_)
0.5
1.2
4.0
ms
Output Rise Time
tRISE
ROUT_ = 10
Ω, from 10% to 90% of VOUT_
2.5
ms
Turn-Off Delay
tOFF
ROUT_ = 10
Ω, does not include fall time
(from ON_ to 90% of VOUT_)
0.8
3
ms
Output Fall Time
tFALL
ROUT_ = 10
Ω, from 90% to 10% of VOUT_
2.5
ms
Thermal-Shutdown Threshold
15°C hysteresis
160
°C
ON_, SEL Input High Level
VIH
VIN_ = 4V to 5.5V
2
V
ON_, SEL Input Low Level
VIL
VIN_ = 4V to 5.5V
0.8
V
ON_, SEL Input Leakage Current
VON_ = 0 or VIN_
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com