Electronic Components Datasheet Search
  English  ▼

X  

MAX809S Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX809S
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX809S Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX809S Datasheet HTML 1Page - Maxim Integrated Products MAX809S Datasheet HTML 2Page - Maxim Integrated Products MAX809S Datasheet HTML 3Page - Maxim Integrated Products MAX809S Datasheet HTML 4Page - Maxim Integrated Products MAX809S Datasheet HTML 5Page - Maxim Integrated Products MAX809S Datasheet HTML 6Page - Maxim Integrated Products MAX809S Datasheet HTML 7Page - Maxim Integrated Products MAX809S Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-Pin Microprocessor Reset Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +105°C (SOT23) or TA = -40°C to +125°C (SC70), unless otherwise noted. Typical values are at TA =
+25°C, VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, and VCC = 2.5V for Z version.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ....................................................................-0.3V to +6.0V
RESET, RESET (push-pull) .....................-0.3V to (VCC + 0.3V)
RESET (open drain)...........................................-0.3V to +6.0V
Input Current, VCC ..............................................................20mA
Output Current, RESET, RESET ..........................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ............174mW
3-Pin SOT23 (derate 4mW/°C above +70°C)...............320mW
Operating Temperature Range
3-Pin SC70 .....................................................-40°C to +125°C
3-Pin SOT23...................................................-40°C to +105°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.0
5.5
TA = -40°C to +105°C (MAX8_ _ _EUR)
1.2
5.5
VCC Range
TA = -40°C to +125°C (MAX8_ _ _EXR)
1.2
5.5
V
VCC < 5.5V, MAX8_ _L/M
24
60
TA = -40°C
to +85°C
VCC < 3.6V, MAX8_ _R/S/T/Z
17
50
VCC < 5.5V, MAX8_ _L/M
100
Supply Current (SOT23)
ICC
TA = +85°C
to +105°C
VCC < 3.6V, MAX8_ _R/S/T/Z
100
VCC < 5.5V, MAX8_ _L/M
24
35
TA = -40°C
to +85
°C
VCC < 3.6V, MAX8_ _R/S/T/Z
17
30
VCC < 5.5V, MAX8_ _L/M
60
Supply Current (SC70)
ICC
TA = +85°C
to +125°C
VCC < 3.6V, MAX8_ _R/S/T/Z
60
μA
TA = +25°C
4.56
4.63
4.70
TA = -40°C to +85°C
4.50
4.75
MAX8_ _L
TA = -40°C to +125°C
4.40
4.86
TA = +25°C
4.31
4.38
4.45
TA = -40°C to +85°C
4.25
4.50
MAX8_ _M
TA = -40°C to +125°C
4.16
4.56
TA = +25°C
3.93
4.00
4.06
TA = -40°C to +85°C
3.89
4.10
MAX809J
(SOT only)
TA = -40°C to +125°C
3.80
4.20
TA = +25°C
3.04
3.08
3.11
TA = -40°C to +85°C
3.00
3.15
MAX8_ _T
TA = -40°C to +125°C
2.92
3.23
TA = +25°C
2.89
2.93
2.96
TA = -40°C to +85°C
2.85
3.00
MAX8_ _S
TA = -40°C to +125°C
2.78
3.08
TA = +25°C
2.59
2.63
2.66
TA = -40°C to +85°C
2.55
2.70
Reset Threshold
(SOT only)
VTH
MAX8_ _R
TA = -40°C to +125°C
2.50
2.76
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com