Electronic Components Datasheet Search
  English  ▼

X  

AD7195 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7195
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7195 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7195 Datasheet HTML 17Page - Analog Devices AD7195 Datasheet HTML 18Page - Analog Devices AD7195 Datasheet HTML 19Page - Analog Devices AD7195 Datasheet HTML 20Page - Analog Devices AD7195 Datasheet HTML 21Page - Analog Devices AD7195 Datasheet HTML 22Page - Analog Devices AD7195 Datasheet HTML 23Page - Analog Devices AD7195 Datasheet HTML 24Page - Analog Devices AD7195 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD7195
Rev. 0 | Page 21 of 44
Table 23. Operating Modes
MD2
MD1
MD0
Mode
0
0
0
Continuous conversion mode (default). In continuous conversion mode, the ADC continuously performs
conversions and places the result in the data register. The DOUT/RDY pin and the RDY bit in the status register
go low when a conversion is complete. The user can read these conversions by setting the CREAD bit in the commu-
nications register to 1, which enables continuous read. When continuous read is enabled, the conversions are
automatically placed on the DOUT line when SCLK pulses are applied. Alternatively, the user can instruct the ADC
to output each conversion by writing to the communications register. After power-on, a reset, or a reconfiguration
of the ADC, the complete settling time of the filter is required to generate the first valid conversion. Subsequent
conversions are available at the selected output data rate, which is dependent on filter choice.
0
0
1
Single conversion mode. When single conversion mode is selected, the ADC powers up and performs a single
conversion on the selected channel. The internal clock requires up to 1 ms to power up and settle. The ADC then
performs the conversion, which requires the complete settling time of the filter. The conversion result is placed in
the data register. RDY goes low, and the ADC returns to power-down mode. The conversion remains in the data
register until another conversion is performed. RDY remains active (low) until the data is read or another conversion
is performed.
0
1
0
Idle mode. In idle mode, the ADC filter and modulator are held in a reset state even though the modulator clocks are
still provided.
0
1
1
Power-down mode. In power-down mode, all AD7195 circuitry, except the bridge power-down switch, is powered
down. The bridge power-down switch remains active because the user may need to power up the sensor prior to
powering up the AD7195 for settling reasons. The external crystal, if selected, remains active.
1
0
0
Internal zero-scale calibration. An internal short is automatically connected to the input. RDY goes high when the
calibration is initiated and returns low when the calibration is complete. The ADC is placed in idle mode following a
calibration. The measured offset coefficient is placed in the offset register of the selected channel.
1
0
1
Internal full-scale calibration. A full-scale input voltage is automatically connected to the input for this calibration.
RDY goes high when the calibration is initiated and returns low when the calibration is complete. The ADC is placed
in idle mode following a calibration. The measured full-scale coefficient is placed in the full-scale register of the
selected channel. A full-scale calibration is required each time the gain of a channel is changed to minimize the full-
scale error.
1
1
0
System zero-scale calibration. The user should connect the system zero-scale input to the channel input pins as
selected by the CH7 to CH0 bits in the configuration register. RDY goes high when the calibration is initiated and
returns low when the calibration is complete. The ADC is placed in idle mode following a calibration. The measured
offset coefficient is placed in the offset register of the selected channel. A system zero-scale calibration is required
each time the gain of a channel is changed.
1
1
1
System full-scale calibration. The user should connect the system full-scale input to the channel input pins as
selected by the CH7 to CH0 bits in the configuration register. RDY goes high when the calibration is initiated and
returns low when the calibration is complete. The ADC is placed in idle mode following a calibration. The measured
full-scale coefficient is placed in the full-scale register of the selected channel. A full-scale calibration is required
each time the gain of a channel is changed.
CONFIGURATION REGISTER
(RS2, RS1, RS0 = 0, 1, 0; Power-On/Reset = 0x000117)
The configuration register is a 24-bit register from which data can be read or to which data can be written. This register is used to
configure the ADC for unipolar or bipolar mode, to enable or disable the buffer, to enable or disable the burnout currents, to select the
gain, and to select the analog input channel. Table 24 outlines the bit designations for the filter register. CON0 through CON23 indicate
the bit locations. CON denotes that the bits are in the configuration register. CON23 denotes the first bit of the data stream. The number
in parentheses indicates the power-on/reset default status of that bit.
CON23
CON22
CON21
CON20
CON19
CON18
CON17
CON16
CHOP(0)
ACX(0)
0
0
0
0
0
0
CON15
CON14
CON13
CON12
CON11
CON10
CON9
CON8
CH7(0)
CH6(0)
CH5(0)
CH4(0)
CH3(0)
CH2(0)
CH1(0)
CH0(1)
CON7
CON6
CON5
CON4
CON3
CON2
CON1
CON0
BURN(0)
REFDET(0)
0
BUF(1)
U/B (0)
G2(1)
G1(1)
G0(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com