Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 108Page - Texas Instruments AM1808 Datasheet HTML 109Page - Texas Instruments AM1808 Datasheet HTML 110Page - Texas Instruments AM1808 Datasheet HTML 111Page - Texas Instruments AM1808 Datasheet HTML 112Page - Texas Instruments AM1808 Datasheet HTML 113Page - Texas Instruments AM1808 Datasheet HTML 114Page - Texas Instruments AM1808 Datasheet HTML 115Page - Texas Instruments AM1808 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 264 page
background image
A1
A1
X
Y
OFFSET
RecommendedDDR2/mDDR
DeviceOrientation
Y
Y
OFFSET
DDR2/mDDR
Device
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.11.3.4 Placement
Figure 6-17 shows the required placement for the device as well as the DDR2/mDDR devices. The
dimensions for Figure 6-18 are defined in Table 6-28. The placement does not restrict the side of the PCB
that the devices are mounted on. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For single-memory DDR2/mDDR systems, the second
DDR2/mDDR device is omitted from the placement.
Figure 6-18. Device and DDR2/mDDR Device Placement
Table 6-28. Placement Specifications
No.
Parameter
Min
Max
Unit
Notes
1
X
1750
Mils
See Notes (1), (2)
2
Y
1280
Mils
See Notes (1), (2)
3
Y Offset
650
Mils
See Notes (1). (2), (3)
4
Clearance from non-DDR2/mDDR signal to DDR2/mDDR Keepout Region
4
w
See Note (4)
(1)
See Figure 6-18 for dimension definitions.
(2)
Measurements from center of device to center of DDR2/mDDR device.
(3)
For single memory systems it is recommended that Y Offset be as small as possible.
(4)
Non-DDR2/mDDR signals allowed within DDR2/mDDR keepout region provided they are separated from DDR2/mDDR routing layers by
a ground plane.
112
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com