Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 114 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 110Page - Texas Instruments AM1808 Datasheet HTML 111Page - Texas Instruments AM1808 Datasheet HTML 112Page - Texas Instruments AM1808 Datasheet HTML 113Page - Texas Instruments AM1808 Datasheet HTML 114Page - Texas Instruments AM1808 Datasheet HTML 115Page - Texas Instruments AM1808 Datasheet HTML 116Page - Texas Instruments AM1808 Datasheet HTML 117Page - Texas Instruments AM1808 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.11.3.6 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR2/mDDR and other
circuitry. Table 6-29 contains the minimum numbers and capacitance required for the bulk bypass
capacitors. Note that this table only covers the bypass needs of the device and DDR2/mDDR interfaces.
Additional bulk bypass capacitance may be needed for other circuitry.
Table 6-29. Bulk Bypass Capacitors
No.
Parameter
Min
Max
Unit
Notes
1
DDR_DVDD18 Supply Bulk Bypass Capacitor Count
3
Devices
See Note (1)
2
DDR_DVDD18 Supply Bulk Bypass Total Capacitance
30
mF
3
DDR#1 Bulk Bypass Capacitor Count
1
Devices
See Note (1)
4
DDR#1 Bulk Bypass Total Capacitance
22
mF
5
DDR#2 Bulk Bypass Capacitor Count
1
Devices
See Notes (1), (2)
6
DDR#2 Bulk Bypass Total Capacitance
22
mF
See Note (2)
(1)
These devices should be placed near the device they are bypassing, but preference should be given to the placement of the high-speed
(HS) bypass caps.
(2)
Only used on dual-memory systems
6.11.3.7 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR2/mDDR interface operation. It is
particularly
important
to
minimize
the
parasitic
series
inductance
of
the
HS
bypass
cap,
device/DDR2/mDDR power, and device/DDR2/mDDR ground connections. Table 6-30 contains the
specification for the HS bypass capacitors as well as for the power connections on the PCB.
Table 6-30. High-Speed Bypass Capacitors
No.
Parameter
Min
Max
Unit
Notes
1
HS Bypass Capacitor Package Size
0402
10 Mils
See Note (1)
2
Distance from HS bypass capacitor to device being bypassed
250
Mils
3
Number of connection vias for each HS bypass capacitor
2
Vias
See Note (2)
4
Trace length from bypass capacitor contact to connection via
1
30
Mils
5
Number of connection vias for each DDR2/mDDR device power or
Vias
1
ground balls
6
Trace length from DDR2/mDDR device power ball to connection via
35
Mils
7
DDR_DVDD18 Supply HS Bypass Capacitor Count
10
Devices
See Note (3)
8
DDR_DVDD18 Supply HS Bypass Capacitor Total Capacitance
0.6
mF
9
DDR#1 HS Bypass Capacitor Count
8
Devices
See Note (3)
10
DDR#1 HS Bypass Capacitor Total Capacitance
0.4
mF
11
DDR#2 HS Bypass Capacitor Count
8
Devices
See Notes (3), (4)
12
DDR#2 HS Bypass Capacitor Total Capacitance
0.4
mF
See Note (4)
(1)
LxW, 10 mil units, i.e., a 0402 is a 40x20 mil surface mount capacitor
(2)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3)
These devices should be placed as close as possible to the device being bypassed.
(4)
Only used on dual-memory systems
114
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com