Electronic Components Datasheet Search
  English  ▼

X  

LTC2941CDCB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2941CDCB
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941CDCB Datasheet(HTML) 5 Page - Linear Technology

  LTC2941CDCB Datasheet HTML 1Page - Linear Technology LTC2941CDCB Datasheet HTML 2Page - Linear Technology LTC2941CDCB Datasheet HTML 3Page - Linear Technology LTC2941CDCB Datasheet HTML 4Page - Linear Technology LTC2941CDCB Datasheet HTML 5Page - Linear Technology LTC2941CDCB Datasheet HTML 6Page - Linear Technology LTC2941CDCB Datasheet HTML 7Page - Linear Technology LTC2941CDCB Datasheet HTML 8Page - Linear Technology LTC2941CDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2941
5
2941f
PIN FUNCTIONS
SENSE+ (Pin 1): Positive Current Sense Input and Power
Supply. Connect to the load/charger side of the sense
resistor. VSENSE+ operating range is 2.7V to 5.5V.
GND (Pin 2, Exposed Pad Pin 7): Device Ground. Connect
directly to the negative battery terminal. Exposed pad may
be left open or connected to device ground.
SCL (Pin 3): Serial Bus Clock Input.
SDA (Pin 4): Serial Bus Data Input and Output.
AL/CC (Pin 5): Alert Output or Charge Complete Input.
Configured either as an SMBus alert output or charge
complete input by control register bits B[2:1]. At power-up,
the pin defaults to alert mode conforming to the SMBus
alert response protocol. It behaves as an open-drain logic
output that pulls to GND when a value in the threshold
registers is exceeded.
When configured as a charge complete input, connect
to the charge complete output from the battery charger
circuit. A high level at CC sets the value of the accumulated
charge (registers C, D) to FFFFh.
SENSE– (Pin 6):
Negative Current Sense Input. Connect
SENSE– to the positive battery terminal side of the sense
resistor. The voltage between SENSE– and SENSE+ must
remain within ±50mV in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com