Electronic Components Datasheet Search
  English  ▼

X  

LTC2952 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2952
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2952 Datasheet HTML 14Page - Linear Technology LTC2952 Datasheet HTML 15Page - Linear Technology LTC2952 Datasheet HTML 16Page - Linear Technology LTC2952 Datasheet HTML 17Page - Linear Technology LTC2952 Datasheet HTML 18Page - Linear Technology LTC2952 Datasheet HTML 19Page - Linear Technology LTC2952 Datasheet HTML 20Page - Linear Technology LTC2952 Datasheet HTML 21Page - Linear Technology LTC2952 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC2952
18
2952fa
APPLICATIONS INFORMATION
The timing diagram in Figure 8 shows the PB pin being
debounced and setting an internal ON/OFF signal. Note that
a high at the internal ON/OFF signal indicates that the last
event was a turn-on command and a low at the internal
ON/OFF signal indicates that the last event was a turn-off
command. Here specifically the turn-on command is a
result of a pushbutton on event and the turn-off command
is a result of a pushbutton off event.
Note that a complete pushbutton consists of a push event
and a release event. The push event (falling edge) on and
off debounce durations on the PB pin can be increased
beyond the fixed internal 26ms by placing a capacitor on
the ONT and OFFT pins respectively. The following equa-
tions describe the additional debounce time that a push
event at the PB pin must satisfy before it is recognized as
a valid pushbutton on or off.
tONT = CONT • (9.3MΩ)
tOFFT = COFFT • (9.3MΩ)
CONT and COFFT are the ONT and OFFT external program-
ming capacitors respectively.
Note that during the push event of the pushbutton off, the
INT pin is asserted low after the initial 26ms debounce
duration. The INT pin asserts low when the PB pin is
held low during the OFFT debounce duration and during
the shutdown sequence. If the PB pin pulls high before
the OFFT time ends, the INT pin immediately turns high
impedance. On the other hand, if the PB pin is still held
low at the end of the OFFT time, the INT pin continues to
assert low throughout the ensuing shutdown sequence.
On a release event (rising edge) of the pushbutton switch
following a valid push event, the PB pin must be continu-
ously held above its rising threshold (0.8V) for a fixed
26ms internal debounce time.
In a typical application, the PB pin is connected to a
pushbutton switch. If the switch exhibits high leakage
current (>10μA), connecting an external pull-up resistor
to V1, V2 and/or VS (depending on the application) is
recommended. Furthermore, if the pushbutton switch is
physically located far from the LTC2952’s PB pin, signals
may couple onto the high impedance PB input. Placing
a 0.1μF capacitor from the PB pin to ground reduces the
impact of signal coupling. Additionally, parasitic series
inductance may cause undesirable ringing at the PB pin.
This can be minimized by placing a 5k resistor in series
and located next to the switch.
Figure 8. Pushbutton Debounce Timing Diagram
2952 F08
PB
ONT CAP
OFFT CAP
INTERNAL
ON/OFF SIGNAL
tOFFT
tOFFT
tONT
<tONT
tONT
tDB,OFF
26ms
<tOFFT
tDB,OFF
26ms
tDB,ON
26ms
tDB,ON
tDB,ON
26ms
tDB,OFF
26ms
<tDB,ON
26ms
<tDB,OFF
<tDB,OFF
26ms
tDB
26ms
tDB
26ms
tDB
26ms
<tDB
26ms
INVALID PB
PUSH EVENT
INVALID PB
‘TURN-OFF’ EVENT
VALID PB
‘TURN-ON’ EVENT
INVALID PB
PUSH EVENT
INVALID PB
RELEASE EVENT
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com