Electronic Components Datasheet Search
  English  ▼

X  

LTC3565 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 5 Page - Linear Technology

  LTC3565 Datasheet HTML 1Page - Linear Technology LTC3565 Datasheet HTML 2Page - Linear Technology LTC3565 Datasheet HTML 3Page - Linear Technology LTC3565 Datasheet HTML 4Page - Linear Technology LTC3565 Datasheet HTML 5Page - Linear Technology LTC3565 Datasheet HTML 6Page - Linear Technology LTC3565 Datasheet HTML 7Page - Linear Technology LTC3565 Datasheet HTML 8Page - Linear Technology LTC3565 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3565

3565fa
Frequency Variation vs Input
Voltage
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
INPUT VOLTAGE (V)
6
4
2
0
–2
–4
–6
–8
3565 G10
2.5
4.0
5.0
5.5
3.0
3.5
4.5
INPUT VOLTAGE (V)
0.25
0.20
0.15
0.10
0.05
0.0
3565 G11
2.5
4.0
5.0
5.5
3.0
3.5
4.5
MAIN SWITCH
SYNCHRONOUS SWITCH
TEMPERATURE (°C)
0.30
0.25
0.20
0.15
0.10
0.05
0.0
3565 G12
–50
25
75
100 125
–25
0
50
MAIN SWITCH
SYNCHRONOUS SWITCH
typical perForMance characteristics T
J = 25°C, VIN = 3.6V, fO = 1MHz, unless
otherwise noted.
Dynamic Supply Current vs Input
Voltage
Dynamic Supply Current vs
Temperature
INPUT VOLTAGE (V)
0.001
3.0
3.5
4.0
4.5
5.0
5.5
2.5
0.1
100
3565 G13
0.01
1
10
FORCED CONTINUOUS
PULSE SKIP
Burst Mode
OPERATION
VOUT = 1.8V
ILOAD = 0A
TEMPERATURE (°C)
0.001
–25
0
25
50
75
100 125
–50
0.1
100
3565 G14
0.01
1
10
FORCED CONTINUOUS
PULSE SKIP
Burst Mode
OPERATION
VOUT = 1.8V
ILOAD = 0A
INPUT VOLTAGE (V)
2500
2000
1500
1000
500
0
3565 G15
0
3
5
6
1
2
4
SYNCHRONOUS SWITCH
MAIN SWITCH
Switch Leakage vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com