Electronic Components Datasheet Search
  English  ▼

X  

LTC3604EMSE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3604EMSE
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604EMSE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3604EMSE Datasheet HTML 2Page - Linear Technology LTC3604EMSE Datasheet HTML 3Page - Linear Technology LTC3604EMSE Datasheet HTML 4Page - Linear Technology LTC3604EMSE Datasheet HTML 5Page - Linear Technology LTC3604EMSE Datasheet HTML 6Page - Linear Technology LTC3604EMSE Datasheet HTML 7Page - Linear Technology LTC3604EMSE Datasheet HTML 8Page - Linear Technology LTC3604EMSE Datasheet HTML 9Page - Linear Technology LTC3604EMSE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3604
6
3604f
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up from Shutdown
Burst Mode Operation
Start-Up from Shutdown
Forced Continuous Mode
Start-Up Into Pre-Biased Output
(1V Pre-Bias) Burst Mode
Operation
Load Step
Burst Mode Operation
Load Step
Forced Continuous Mode
TA = 25°C, VIN = 12V, fO = 1MHz, L = 1.5μH unless otherwise noted.
Short-Circuit Waveforms
Forced Continuous Mode
Output Ripple Voltage
Burst Mode Operation
Output Ripple Voltage
Forced Continuous Mode
Output Tracking
2μs/DIV
SW
5V/DIV
IL
1A/DIV
VOUT
20mV/DIV
AC-COUPLED
3604 G15
VIN = 12V
VOUT = 1.8V
ILOAD = 180mA
2μs/DIV
SW
5V/DIV
IL
1A/DIV
VOUT
20mV/DIV
AC-COUPLED
3604 G16
VIN = 12V
VOUT = 1.8V
ILOAD = 180mA
2ms/DIV
1V/DIV
0.5V/DIV
3604 G17
VIN = 12V
VOUT = 1.8V
RLOAD = 36Ω
VOUT
VFB
TRACK
200μs/DIV
RUN
2V/DIV
PGOOD
5V/DIV
IL
2A/DIV
VOUT
1V/DIV
3604 G18
VIN = 12V
VOUT = 1.8V
ILOAD = 2.5A
200μs/DIV
RUN
2V/DIV
PGOOD
5V/DIV
IL
2A/DIV
VOUT
1V/DIV
3604 G19
VIN = 12V
VOUT = 1.8V
ILOAD = 2.5A
1ms/DIV
RUN
2V/DIV
PGOOD
5V/DIV
IL
1A/DIV
VOUT
1V/DIV
3604 G20
VIN = 12V
VOUT = 1.8V
ILOAD = 20mA
10μs/DIV
ILOAD
2A/DIV
IL
2A/DIV
VOUT
100mV/DIV
AC-COUPLED
3604 G21
VIN = 12V
VOUT = 1.8V
ILOAD = 250mA TO 2.5A
10μs/DIV
ILOAD
2A/DIV
IL
2A/DIV
VOUT
100mV/DIV
AC-COUPLED
3604 G22
VIN = 12V
VOUT = 1.8V
ILOAD = 250mA TO 2.5A
100μs/DIV
IL
2A/DIV
VOUT
1V/DIV
PGOOD
2V/DIV
3604 G23
VIN = 12V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com