Electronic Components Datasheet Search
  English  ▼

X  

LTC3633 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3633
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 20Page - Linear Technology LTC3633 Datasheet HTML 21Page - Linear Technology LTC3633 Datasheet HTML 22Page - Linear Technology LTC3633 Datasheet HTML 23Page - Linear Technology LTC3633 Datasheet HTML 24Page - Linear Technology LTC3633 Datasheet HTML 25Page - Linear Technology LTC3633 Datasheet HTML 26Page - Linear Technology LTC3633 Datasheet HTML 27Page - Linear Technology LTC3633 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3633
28
3633f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0110 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3605
15V, 5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15μA,
4mm × 4mm QFN-24
LTC3603
15V, 2.5A (IOUT), 3MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD < 1μA,
4mm × 4mm QFN-20, MSOP-16E
LTC3602
10V, 2.5A (IOUT), 3MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 10V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD < 1μA,
3mm × 3mm QFN-16, MSOP-16E
LTC3601
15V, 1.5A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 300μA, ISD < 1μA,
4mm × 4mm QFN-20, MSOP-16E
3.3V/1.8V Buck Regulator with 2.5V LDO Output
RUN1
RUN2
RT
LTC3633
BOOST2
3633 TA04
0.1μF
L2
0.68μH
R4
20k
R3
10k
SW2
VON2
VIN2
VIN1
VFB2
BOOST1
SW1
VON1
VFB1
COUT2
47μF
VOUT2
1.8V AT 3A
0.1μF
L1
1μH
R2
45.3k
R1
10k
COUT1
22μF
VOUT1
3.3V AT 3A
2.5V AT 10mA
VIN
C1
47μF
×2
R5
162k
V2P5
ITH1
PHMODE
ITH2
MODE/SYNC
INTVCC
C2
2.2μF
PGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com