Electronic Components Datasheet Search
  English  ▼

X  

LTC3858 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3858
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3858 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3858 Datasheet HTML 17Page - Linear Technology LTC3858 Datasheet HTML 18Page - Linear Technology LTC3858 Datasheet HTML 19Page - Linear Technology LTC3858 Datasheet HTML 20Page - Linear Technology LTC3858 Datasheet HTML 21Page - Linear Technology LTC3858 Datasheet HTML 22Page - Linear Technology LTC3858 Datasheet HTML 23Page - Linear Technology LTC3858 Datasheet HTML 24Page - Linear Technology LTC3858 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3858

3858fa
applicaTions inForMaTion
Figure 7. Using the TRACK/SS Pin to Program Soft-Start
Soft-startisenabledbysimplyconnectingacapacitorfrom
theSSpintoground,asshowninFigure7.Aninternal1µA
currentsourcechargesthecapacitor,providingalinear
rampingvoltageattheSSpin.TheLTC3858willregulate
theVFBpin(andhenceVOUT)accordingtothevoltageon
theSSpin,allowingVOUTtorisesmoothlyfrom0Vto
itsfinalregulatedvalue.Thetotalsoft-starttimewillbe
approximately:
t
C
V
µA
SS
SS
=
•
.
0 8
1
as discussed in the Efficiency Considerations section.
Thejunctiontemperaturecanbeestimatedbyusingthe
equationsgiveninNote3oftheElectricalCharacteristics.
Forexample,theLTC3858INTVCCcurrentislimitedtoless
than32mAfroma40VsupplywhennotusingtheEXTVCC
supplyat70°Cambienttemperature:
TJ=70°C+(32mA)(40V)(43°C/W)=125°C
Topreventthemaximumjunctiontemperaturefrombe-
ingexceeded,theinputsupplycurrentmustbechecked
whileoperatinginforcedcontinuousmode(PLLIN/MODE
=INTVCC)atmaximumVIN.
WhenthevoltageappliedtoEXTVCCrisesabove4.7V,the
VINLDOisturnedoffandtheEXTVCCLDOisenabled.The
EXTVCCLDOremainsonaslongasthevoltageappliedto
EXTVCCremainsabove4.5V.TheEXTVCCLDOattempts
toregulatetheINTVCCvoltageto5.1V,sowhileEXTVCC
islessthan5.1V,theLDOisindropoutandtheINTVCC
voltageisapproximatelyequaltoEXTVCC.WhenEXTVCC
isgreaterthan5.1V,uptoanabsolutemaximumof14V,
INTVCCisregulatedto5.1V.
UsingtheEXTVCCLDOallowstheMOSFETdriverand
controlpowertobederivedfromoneoftheswitching
regulatoroutputs(4.7V≤VOUT≤14V)duringnormal
operationandfromtheVINLDOwhentheoutputisout
ofregulation(e.g.,start-up,short-circuit).Ifmorecurrent
isrequiredthroughtheEXTVCCLDOthanisspecified,an
externalSchottkydiodecanbeaddedbetweentheEXTVCC
andINTVCCpins.Inthiscase,donotapplymorethan6V
totheEXTVCCpinandmakesurethatEXTVCC≤VIN.
Significantefficiencyandthermalgainscanberealized
bypoweringINTVCCfromtheoutput,sincetheVINcur-
rentresultingfromthedriverandcontrolcurrentswillbe
scaledbyafactorof(DutyCycle)/(SwitcherEfficiency).
For5Vto14Vregulatoroutputs,thismeansconnecting
theEXTVCCpindirectlytoVOUT.TyingtheEXTVCCpinto
an8.5Vsupplyreducesthejunctiontemperatureinthe
previousexamplefrom125°Cto:
TJ=70°C+(32mA)(8.5V)(43°C/W)=82°C
However,for3.3Vandotherlowvoltageoutputs,addi-
tionalcircuitryisrequiredtoderiveINTVCCpowerfrom
theoutput.
1/2 LTC3858
SS
CSS
SGND
3858 F07
INTVCC Regulators
TheLTC3858featurestwoseparateinternalP-channellow
dropoutlinearregulators(LDO)thatsupplypoweratthe
INTVCCpinfromeithertheVINsupplypinortheEXTVCC
pindependingontheconnectionoftheEXTVCCpin.INTVCC
powersthegatedriversandmuchoftheinternalcircuitry.
TheVINLDOandtheEXTVCCLDOregulateINTVCCto5.1V.
Eachofthesecansupplyapeakcurrentof50mAandmust
bebypassedtogroundwithaminimumof4.7µFlowESR
capacitor.Regardlessofwhattypeofbulkcapacitoris
used,anadditional1µFceramiccapacitorplaceddirectly
adjacenttotheINTVCCandPGNDpinsishighlyrecom-
mended.Goodbypassingisneededtosupplythehigh
transientcurrentsrequiredbytheMOSFETgatedrivers
andtopreventinteractionbetweenthechannels.
HighinputvoltageapplicationsinwhichlargeMOSFETsare
beingdrivenathighfrequenciesmaycausethemaximum
junctiontemperatureratingfortheLTC3858tobeexceeded.
TheINTVCCcurrent,whichisdominatedbythegatecharge
current,maybesuppliedbyeithertheVINLDOorthe
EXTVCCLDO.WhenthevoltageontheEXTVCCpinisless
than4.7V,theVINLDOisenabled.Powerdissipationforthe
ICinthiscaseishighestandisequaltoVIN•IINTVCC.The
gatechargecurrentisdependentonoperatingfrequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com