Electronic Components Datasheet Search
  English  ▼

X  

LTC4010CFETR Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4010CFETR
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFETR Datasheet(HTML) 5 Page - Linear Technology

  LTC4010CFETR Datasheet HTML 1Page - Linear Technology LTC4010CFETR Datasheet HTML 2Page - Linear Technology LTC4010CFETR Datasheet HTML 3Page - Linear Technology LTC4010CFETR Datasheet HTML 4Page - Linear Technology LTC4010CFETR Datasheet HTML 5Page - Linear Technology LTC4010CFETR Datasheet HTML 6Page - Linear Technology LTC4010CFETR Datasheet HTML 7Page - Linear Technology LTC4010CFETR Datasheet HTML 8Page - Linear Technology LTC4010CFETR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4010

4010fb
Typical perForMance characTerisTics
TIME (MINUTES)
1.30
1.40
1.50
1.60
1.45
1.45
1.55
15
25
35
45
20
30
40
120
4010 G03
0 20 40
80 100
140 160
60
180 200
CHARGE CURRENT
TOP OFF
BATTERY
TEMPERATURE
SINGLE CELL
VOLTAGE
1A
0.5A
4 SERIES NiMH 2100mAhr
AA CELLS CHARGED AT 0.5C
TEMPERATURE (°C)
–50 –30
320
340
370
–10
30
50
4010 G04
330
360
350
10
70
90
TEMPERATURE (°C)
–50
850
860
880
890
900
950
920
–10
30
50
4010 G05
870
930
940
910
–30
10
70
90
TEMPERATURE (°C)
–50 –30
1.275
1.315
1.375
–10
30
50
4010 G06
1.295
1.355
1.335
10
70
90
TEMPERATURE (°C)
–50
1.85
1.87
1.91
1.93
1.95
2.05
1.99
–10
30
50
4010 G07
1.89
2.01
2.03
1.97
–30
10
70
90
TEMPERATURE (°C)
–50 –30
–25
–15
0
–10
30
50
4010 G08
–20
–5
–10
10
70
90
NiMH
NiCd
TEMPERATURE (°C)
–50
15
10
4010 G09
0
–10
–30 –10
30
–15
–20
20
10
5
–5
50
70
90
RTIMER = 49.9k
TEMPERATURE (°C)
–5
–1
5
4010 G10
–3
3
1
TOP-OFF CHARGE
FAST CHARGE
PRECHARGE
–50
10
–30 –10
30
50
70
90
TEMPERATURE (°C)
–30
10
100
1000
10
4010 G11
–50
90
–10
30
50
70
BAT = 4.8V
VCC = 12V
MINIMUM (LOW DROPOUT)
Automatic Recharge Threshold
Voltage (per Cell)
Battery Overvoltage Threshold
Voltage (per Cell)
–∆V Termination Voltage
(per Cell)
Programmable Timer Accuracy
Charge Current Accuracy
PWM Switching Frequency
NiMH Charge Cycle at 0.5C
Battery Present Threshold
Voltage (per Cell)
Minimum Fast Charge Threshold
Voltage (per Cell)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com