Electronic Components Datasheet Search
  English  ▼

X  

LTC4350 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4350
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4350 Datasheet HTML 3Page - Linear Technology LTC4350 Datasheet HTML 4Page - Linear Technology LTC4350 Datasheet HTML 5Page - Linear Technology LTC4350 Datasheet HTML 6Page - Linear Technology LTC4350 Datasheet HTML 7Page - Linear Technology LTC4350 Datasheet HTML 8Page - Linear Technology LTC4350 Datasheet HTML 9Page - Linear Technology LTC4350 Datasheet HTML 10Page - Linear Technology LTC4350 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC4350

4350fb
block DiagraM
REF
GATE
GAIN
COMP1
FB
VCC
REVERSE CURRENT
9
UV
1
OV
2
6
CHARGE
PUMP
14
16
GND
8
R+
13
R–
12
4
SB
20k
7
COMP2
5
IOUT
11
RSET
TIMER
2µA/6µA
4350 BD
R+
30mV
R–
REF
REF
3
STATUS
15
OVER/UNDER
CURRENT
10
–
+
–
+
–
+
–
+
–
+
–
+
ISENSE
gm = 1m
IOUT
LOGIC
E/A1
E/A2
+ –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com