Electronic Components Datasheet Search
  English  ▼

X  

LTC4350IGNPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4350IGNPBF
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGNPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4350IGNPBF Datasheet HTML 8Page - Linear Technology LTC4350IGNPBF Datasheet HTML 9Page - Linear Technology LTC4350IGNPBF Datasheet HTML 10Page - Linear Technology LTC4350IGNPBF Datasheet HTML 11Page - Linear Technology LTC4350IGNPBF Datasheet HTML 12Page - Linear Technology LTC4350IGNPBF Datasheet HTML 13Page - Linear Technology LTC4350IGNPBF Datasheet HTML 14Page - Linear Technology LTC4350IGNPBF Datasheet HTML 15Page - Linear Technology LTC4350IGNPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC4350

4350fb
Figure 5. 5V Load Share (20A per Module)
When the power supply is disconnected, the UV pin will
drop below 1.220V if the supply is loaded. The LTC4350
then discharges the gate of the power FET isolating the
load from the power supply.
DESIGN EXAMPLE
Load Share Components
This section demonstrates the calculations involved in
selecting the component values. The design example in
Figure 5 is a 5V output. This design can be extended to
each of the parallel sections.
The first step is to determine the final output voltage and
theamountofadjustmentontheoutputvoltage.Thepower
supply voltage before the load sharing needs to be lower
than the final output voltage. If the load is expecting to see
a 5V output, then all of the shared power supplies need
to be trimmed to 4.90V or lower. This allows 2% variation
in component and reference tolerances so that the output
always starts below 5V.
Now that the output voltage is preset below the desired
output, the LTC4350 will be responsible for increasing the
output utilizing the SENSE+ input to the power supply. If
a SENSE+ line is not available, then the feedback divider
at the module’s error amplifier can be used. The next step
is to determine the maximum positive adjustment needed
for each power supply. This adjustment includes any I • R
drops across sense resistors, power FETs, wiring and
connectors in the supply path between the power supply
and the load. For example, if the maximum current is 10A
and the parasitic resistance between the power supply and
load is 0.01Ω, then the positive adjustment range for I • R
drops is 0.1V. Since the starting voltage is 4.9V ±0.1V,
then the lowest starting voltage can be 4.8V. This voltage
is 0.2V below the target. The total adjustment range that
the LTC4350 will need for this example is 0.1V + 0.2V =
0.3V. Note that the lowest starting voltage should not be
lower than 300mV below the target voltage.
The I • R drops should be designed to be low to elimi-
nate the need for additional bulk capacitance at the load.
In most cases the bulk capacitance exists at the power
supply output before the I • R drops. If a 0.002Ω sense
resistor is used and the FET resistance is below 0.003Ω,
then a total 0.005Ω series resistance is acceptable for
loads to 20A. Obviously, the FB pin compensates for the
DC output impedance, but the AC output impedance is the
I • R drops plus the ESR of the capacitors.
4
3
2
1
RGAIN
86.6k
RSET
100
GAIN
RSET
IOUT
R+
R–
FB
TIMER
CT
0.1µF
STATUS
STATUS
4350 F05
SB
COMP1
VCC
GATE
GND
COMP2
LTC4350
UV
OV
CP1
1000pF
CP2
1µF
RP1
150
43.2k
274k
12.1k
121k
CG
0.1µF
0.1µF
OUT+
SENSE+
4.9V NOMINAL, 5.3V MAXIMUM
RG
100
RSENSE
0.002
37.4k
5V
BUS
12.1k
ROUT
30
51
4 SUD50N03-07
(0.007 EACH)
SHARE
BUS
CUV
0.1µF
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com