Electronic Components Datasheet Search
  English  ▼

X  

LTC4449IDCB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4449IDCB
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449IDCB Datasheet(HTML) 1 Page - Linear Technology

  LTC4449IDCB Datasheet HTML 1Page - Linear Technology LTC4449IDCB Datasheet HTML 2Page - Linear Technology LTC4449IDCB Datasheet HTML 3Page - Linear Technology LTC4449IDCB Datasheet HTML 4Page - Linear Technology LTC4449IDCB Datasheet HTML 5Page - Linear Technology LTC4449IDCB Datasheet HTML 6Page - Linear Technology LTC4449IDCB Datasheet HTML 7Page - Linear Technology LTC4449IDCB Datasheet HTML 8Page - Linear Technology LTC4449IDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4449
1
4449f
n 4V to 6.5V VCC Operating Voltage
n 38V Maximum Input Supply Voltage
n Adaptive Shoot-Through Protection
n Rail-to-Rail Output Drivers
n 3.2A Peak Pull-Up Current
n 4.5A Peak Pull-Down Current
n 8ns TG Risetime Driving 3000pF Load
n 7ns TG Falltime Driving 3000pF Load
n Separate Supply to Match PWM Controller
n Drives Dual N-Channel MOSFETs
n Undervoltage Lockout
n Low Profile (0.75mm) 2mm × 3mm DFN Package
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Speed Synchronous
N-Channel MOSFET Driver
The LTC
®4449 is a high frequency gate driver that
is designed to drive two N-Channel MOSFETs in a
synchronous DC/DC converter. The powerful rail-to-rail
driver capability reduces switching losses in MOSFETs
with high gate capacitance.
The LTC4449 features a separate supply for the input logic
to match the signal swing of the controller IC. If the input
signal is not being driven, the LTC4449 activates a shutdown
mode that turns off both external MOSFETs. The input logic
signal is internally level-shifted to the bootstrapped supply,
which functions at up to 42V above ground.
The LTC4449 contains undervoltage lockout circuits on
both the driver and logic supplies that turn off the external
MOSFETs when an undervoltage condition is present. An
adaptive shoot-through protection feature is also built-in
to prevent the power loss resulting from MOSFET cross-
conduction current.
The LTC4449 is available in the 2mm × 3mm DFN
package.
Synchronous Buck Converter Driver
n Distributed Power Architectures
n High Density Power Modules
LTC4449 Driving 3000pF Capacitive Loads
TG
BOOST
VIN
TO 38V
GND
TS
VLOGIC
VCC
LTC4449
BG
PWM
VCC
4V TO 6.5V
IN
VOUT
4449 TA01a
TOP GATE
(TG - TS)
5V/DIV
INPUT (IN)
5V/DIV
4449 TA01b
BOTTOM GATE
(BG) 5V/DIV
10ns/DIV
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC4449IDCB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4449 LINER-LTC4449 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4449 LINER-LTC4449 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4449 LINER-LTC4449 Datasheet
182Kb / 14P
High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
421Kb / 38P
Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
More results

Similar Description - LTC4449IDCB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4444-5 LINER-LTC4444-5 Datasheet
202Kb / 12P
High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444 Datasheet
189Kb / 12P
High Voltage Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
High Speed Synchronous N-Channel MOSFET Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
High Voltage Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com