Electronic Components Datasheet Search
  English  ▼

X  

LTC2473CDDPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2473CDDPBF
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2473CDDPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2473CDDPBF Datasheet HTML 8Page - Linear Technology LTC2473CDDPBF Datasheet HTML 9Page - Linear Technology LTC2473CDDPBF Datasheet HTML 10Page - Linear Technology LTC2473CDDPBF Datasheet HTML 11Page - Linear Technology LTC2473CDDPBF Datasheet HTML 12Page - Linear Technology LTC2473CDDPBF Datasheet HTML 13Page - Linear Technology LTC2473CDDPBF Datasheet HTML 14Page - Linear Technology LTC2473CDDPBF Datasheet HTML 15Page - Linear Technology LTC2473CDDPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2471/LTC2473
12
24713f
APPLICATIONS INFORMATION
Figure 7. Timing Diagram for Writing to the LTC2471/LTC2473
Data Input Format
After a START condition, the master sends a 7-bit ad-
dress followed by a read/write request (R/W) bit. The
R/W bit is 0 for a write. The data input word is 4 bits long
and consists of two enable bits (EN1 and EN2) and two
programming bits (SPD and SLP), see Figure 7. EN1 is
applied to the first rising edge of SCL after a valid write
address is acknowledged. Programming is enabled by
setting EN1 = 1 and EN2 = 0.
The speed bit (SPD) determines the output rate, SPD = 0
(default) for a 250sps and SPD = 1 for a 1ksps output
rate. The sleep bit (SLP) is used to power down the
on-chip reference. In the default mode, the reference re-
mains powered up at the conclusion of each conversion
cycle while the ADC is automatically powered down at the
end of each conversion cycle. If the SLP bit is set HIGH,
the reference and the ADC are powered down once the next
conversion cycle is completed. The reference and ADC are
powered up again once a valid read/write is acknowledged.
The following conversion is invalid if the next conversion
is started before the reference has started up (see Figure 3
for reference startup times as a function of compensation
capacitor and reference capacitor).
The sleep bit (SLP) is used to power down the on chip
reference. In the default mode, the reference remains
powered up even when the ADC is powered down. If the
SLP bit is set HIGH, the reference will power down after
the next conversion is complete. It will remain powered
down until a valid address is acknowledged. The reference
startup time is approximately 12ms. In order to ensure a
stable reference for the following conversions, either the
data input/output time should be delayed 12ms after an
address acknowledge or the first conversion following a
reference start up should be discarded.
Table 2. Input Data Format
BIT NAME FUNCTION
EN1
Should Be High (EN1 = 1) in Order to Enable Program Mode
EN2
Should Be Low (EN2 = 0) in Order to Enable Program Mode
SPD
Low (SPD = 0, Default) for 250sps, High (SPD = 1) for 1ksps
Output Rate
SLP
Low (SLP = 0, Default) for Nap Mode, High (SLP = 1)
for Sleep Mode Where Both Reference and Converter are
Powered Down
SDA
SCL
EN1
EN2
SPD
SLP
W
SLEEP
START BY
MASTER
DATA INPUT
7
8
9
1
2
3
4
5
6
7
8
9
1
2
…
7-BIT ADDRESS
ACK BY
LTC2471/LTC2473
ACK BY
LTC2471/LTC2473
24713 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com