Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6201
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6201 Datasheet HTML 12Page - Linear Technology LT6201 Datasheet HTML 13Page - Linear Technology LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology LT6201 Datasheet HTML 17Page - Linear Technology LT6201 Datasheet HTML 18Page - Linear Technology LT6201 Datasheet HTML 19Page - Linear Technology LT6201 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
16
62001fd
TYPICAL PERFORMANCE CHARACTERISTICS LT6200-5
Gain Bandwidth and Phase Margin
vs Temperature
TEMPERATURE (°C)
–50
500
600
800
900
1000
50
6200 G45
700
0
–25
75
100
25
125
50
90
60
70
80
VS = ±5V
VS = ±5V
PHASE MARGIN
GAIN BANDWIDTH
VS = 3V, 0V
VS = 3V, 0V
TEMPERATURE (°C)
–55
–25
0
25
50
75
100
0
100
150
200
250
450
6200 G46
125
300
350
400
AV = –5
RF = RL = 1k
RG = 200Ω
VS = ±5V RISING
VS = ±2.5V RISING
VS = ±2.5V FALLING
VS = ±5V FALLING
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
60
100
1000
6200 G47
50
VS = 5V, 0V
AV = 5
RS = 0Ω
RS = 10Ω
RS = 20Ω
RS = 50Ω
Slew Rate vs Temperature
Overshoot vs Capacitive Load
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
20
30
50
70
80
1k
100k
1M
100M
6200 G48
10
10k
10M
60
40
0
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
VS = 5V, 0V
TA = 25°C
VCM = VS/2
FREQUENCY (Hz)
0.01
0.1
10
1
100k
1M
10M
6200 G49
100
1000
100M
VS = 5V, 0V
AV = 50
AV = 5
FREQUENCY (Hz)
30
90
100
20
10
80
50
70
60
40
100k
10M
100M
1G
6200 G50
–10
0
100
120
80
20
60
40
0
1M
VS = ±5V
GAIN
PHASE
VS = ±5V
VS = ±1.5V
VS = ±1.5V
VCM = 0V
CL = 5pF
RL = 1k
Output Impedance vs Frequency
Open-Loop Gain vs Frequency
Open-Loop Gain vs Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage
Gain Bandwidth vs Resistor Load
FREQUENCY (Hz)
30
90
100
20
10
80
50
70
60
40
100k
10M
100M
1G
6200 G51
–10
0
–20
100
120
–40
–60
80
20
60
40
0
–100
–80
1M
VCM = 0.5V
VCM = 0.5V
GAIN
PHASE
VCM = 4.5V
VCM = 4.5V
VS = 5V, 0V
CL = 5pF
RL = 1k
TOTAL SUPPLY VOLTAGE (V)
0
1000
6
10
6200 G52
800
600
400
24
8
50
60
70
80
90
12
TA = 25°C
RL = 1k
CL = 5pF
PHASE MARGIN
GAIN BANDWIDTH
RESISTOR LOAD (Ω)
0
0
100
300
400
500
600 700 800 900
900
G200 G53
200
100 200 300 400 500
1000
600
700
800
VS = ±5V
RF = 10k
RG = 1k
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com