Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6248
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 1 Page - Linear Technology

  LTC6248 Datasheet HTML 1Page - Linear Technology LTC6248 Datasheet HTML 2Page - Linear Technology LTC6248 Datasheet HTML 3Page - Linear Technology LTC6248 Datasheet HTML 4Page - Linear Technology LTC6248 Datasheet HTML 5Page - Linear Technology LTC6248 Datasheet HTML 6Page - Linear Technology LTC6248 Datasheet HTML 7Page - Linear Technology LTC6248 Datasheet HTML 8Page - Linear Technology LTC6248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
Typical applicaTion
DescripTion
180MHz, 1mA Power
Efficient Rail-to-Rail
I/O Op Amps
TheLTC®6246/LTC6247/LTC6248aresingle/dual/quadlow
power,highspeedunitygainstablerail-to-railinput/output
operational amplifiers. On only 1mA of supply current they
feature an impressive 180MHz gain-bandwidth product,
90V/µs slew rate and a low 4.2nV/√Hz of input-referred
noise. The combination of high bandwidth, high slew rate,
low power consumption and low broadband noise makes
these amplifiers unique among rail-to-rail input/output op
amps with similar supply currents. They are ideal for lower
supply voltage high speed signal conditioning systems.
TheLTC6246familymaintainshighefficiencyperformance
from supply voltage levels of 2.5V to 5.25V and is fully
specified at supplies of 2.7V and 5.0V.
For applications that require power-down, the LTC6246
and the LTC6247 in MS10 offer a shutdown pin which
disables the amplifier and reduces current consumption
to 42µA.
The LTC6246 family can be used as a plug-in replacement
for many commercially available op amps to reduce power
or to improve input/output range and performance.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
FeaTures
applicaTions
n
Gain Bandwidth Product: 180MHz
n
–3dB Frequency (AV = 1): 120MHz
n
Low Quiescent Current: 1mA Max
n
High Slew Rate: 90V/µs
n
Input Common Mode Range Includes Both Rails
n
Output Swings Rail-to-Rail
n
Low Broadband Voltage Noise: 4.2nV/√Hz
n
Power-Down Mode: 42μA
n
Fast Output Recovery
n
Supply Voltage Range: 2.5V to 5.25V
n
Input Offset Voltage: 0.5mV Max
n
Input Bias Current: 100nA
n
Large Output Current: 50mA
n
CMRR: 110dB
n
Open Loop Gain: 45V/mV
n
Operating Temperature Range: –40°C to 125°C
n
Single in 6-Pin TSOT-23
n
Dual in MS8, 2mm
× 2mm Thin DFN,TS0T-23, MS10
n
Quad in MS16
n
Low Voltage, High Frequency Signal Processing
n
Driving A/D Converters
n
Rail-to-Rail Buffer Amplifiers
n
Active Filters
n
Video Amplifiers
n
Fast Current Sensing Amplifiers
n
Battery Powered Equipment
LTC6246
+
–
624678 TA01a
LTC2366
VREF
GND
VDD
3.3V 2.5V
CS
SDO
SCK
OVDD
3.3V
VIN
AIN
499
1%
499
1%
10pF
FREQUENCY (kHz)
0
0
–10
–30
–50
–70
–20
–40
–60
–80
–90
–100
–110
400
800
200
600
624678 TA01b
1000
fIN = 350.195kHz
fSAMP = 2.2Msps
SFDR = 82dB
SNR = 70dB
1024 POINT FFT
Low Noise Low Distortion Gain = 2 ADC Driver
350kHz FFT Driving ADC


Similar Part No. - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LTC6248 LINER-LTC6248 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6248 LINER-LTC6248 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LTC6248 LINER-LTC6248 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6248 LINER-LTC6248 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6248

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Linear Technology
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com