Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2460 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 45Page - NXP Semiconductors LPC2460 Datasheet HTML 46Page - NXP Semiconductors LPC2460 Datasheet HTML 47Page - NXP Semiconductors LPC2460 Datasheet HTML 48Page - NXP Semiconductors LPC2460 Datasheet HTML 49Page - NXP Semiconductors LPC2460 Datasheet HTML 50Page - NXP Semiconductors LPC2460 Datasheet HTML 51Page - NXP Semiconductors LPC2460 Datasheet HTML 52Page - NXP Semiconductors LPC2460 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
LPC2420_60_5
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 05 — 24 February 2010
49 of 79
NXP Semiconductors
LPC2420/2460
Flashless 16-bit/32-bit microcontroller
VIL
LOW-level input
voltage
-
-
0.8
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = −4 mA
[9] VDD(3V3) −
0.4
-
-
V
VOL
LOW-level output
voltage
IOL = −4 mA
[9] -
-
0.4
V
IOH
HIGH-level output
current
VOH = VDD(3V3) − 0.4 V
[9]
−4
-
-
mA
IOL
LOW-level output
current
VOL = 0.4 V
[9] 4
-
-
mA
IOHS
HIGH-level
short-circuit output
current
VOH = 0 V
[10] -
-
−45
mA
IOLS
LOW-level short-circuit
output current
VOL = VDDA
[10] -
-
50
mA
Ipd
pull-down current
VI = 5 V
[11] 10
50
150
μA
Ipu
pull-up current
VI = 0 V
−15
−50
−85
μA
VDD(3V3) < VI < 5 V
[11] 0
0
0
μA
I2C-bus pins (P0[27] and P0[28])
VIH
HIGH-level input
voltage
0.7VDD(3V3) -
-
V
VIL
LOW-level input
voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -
V
VOL
LOW-level output
voltage
IOLS = 3 mA
[9] -
-
0.4
V
ILI
input leakage current
VI = VDD(3V3)
[12] -
2
4
μA
VI = 5 V
-
10
22
μA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
−0.5
1.8
1.95
V
Vo(XTAL2)
output voltage on pin
XTAL2
−0.5
1.8
1.95
V
Vi(RTCX1)
input voltage on pin
RTCX1
−0.5
1.8
1.95
V
Vo(RTCX2)
output voltage on pin
RTCX2
−0.5
1.8
1.95
V
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com