Electronic Components Datasheet Search
  English  ▼

X  

PUMH19 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMH19
Description  NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMH19 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMH19 Datasheet HTML 1Page - NXP Semiconductors PUMH19 Datasheet HTML 2Page - NXP Semiconductors PUMH19 Datasheet HTML 3Page - NXP Semiconductors PUMH19 Datasheet HTML 4Page - NXP Semiconductors PUMH19 Datasheet HTML 5Page - NXP Semiconductors PUMH19 Datasheet HTML 6Page - NXP Semiconductors PUMH19 Datasheet HTML 7Page - NXP Semiconductors PUMH19 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
NPN/NPN Resistor-Equipped Transistors (RET).
1.2 Features
Built-in bias resistor
Simplifies circuit design
Reduces component count
Reduces pick and place costs
1.3 Applications
Low current peripheral driver
Control of IC inputs
Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMH19; PUMH19
NPN/NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
Rev. 03 — 15 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN/PNP
complement
PNP/PNP
complement
NXP
JEITA
PEMH19
SOT666
-
PEMD19
PEMB19
PUMH19
SOT363
SC-88
PUMD19
PUMB19
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω


Similar Part No. - PUMH19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH19 PHILIPS-PUMH19 Datasheet
62Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
PUMH19 PHILIPS-PUMH19 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMH19 NEXPERIA-PUMH19 Datasheet
221Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = open
31 March 2023
PUMH19 NEXPERIA-PUMH19 Datasheet
185Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02 - 1 September 2009
More results

Similar Description - PUMH19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124T NXP-PDTC124T Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 13
PEMH1 NXP-PEMH1 Datasheet
143Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 08
PEMH4 NXP-PEMH4 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH14_PUMH14 PHILIPS-PEMH14_PUMH14_15 Datasheet
101Kb / 8P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PDTC124TMB NEXPERIA-PDTC124TMB Datasheet
721Kb / 12P
NPN resistor-equipped transistor; R1 = 22 k廓, R2 = open
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com