Electronic Components Datasheet Search
  English  ▼

X  

PUMX1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMX1
Description  40 V, 100 mA NPN/NPN general-purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMX1 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMX1 Datasheet HTML 1Page - NXP Semiconductors PUMX1 Datasheet HTML 2Page - NXP Semiconductors PUMX1 Datasheet HTML 3Page - NXP Semiconductors PUMX1 Datasheet HTML 4Page - NXP Semiconductors PUMX1 Datasheet HTML 5Page - NXP Semiconductors PUMX1 Datasheet HTML 6Page - NXP Semiconductors PUMX1 Datasheet HTML 7Page - NXP Semiconductors PUMX1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PUMX1_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
2 of 8
NXP Semiconductors
PUMX1
40 V, 100 mA NPN general-purpose double transistor
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PUMX1
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 4.
Marking codes
Type number
Marking code[1]
PUMX1
Z*Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
40
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
100
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C-
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com