Electronic Components Datasheet Search
  English  ▼

X  

TLWD1060 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLWD1060
Description  LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWD1060 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLWD1060 Datasheet HTML 1Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 2Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 3Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 4Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 5Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 6Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 7Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 8Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLWD1060(T18)
2009-05-19
1
TOSHIBA LED Lamp
TLWD1060(T18)
Panel Circuit Indicator
• Surface-mount devices
• 2.2 (L) × 1.4 (W) × 1.3 (H) mm
• LED chip + phosphor
• Color: White
Cx = 0.31 (typ), Cy = 0.30(typ),
90mcd(typ.) @10mA
• Low drive current, high-intensity light emission
• Topr / Tstg = -40 to 100°C
• Applications: Instrument panel back light of Equipment for
non-driving system (Comfort and convenience) in Automotive
equipment
• Standard embossed tape packing: T18 (3000 pcs / reel)
8-mm tape reel
Color and Material
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLWD1060
20
4
76
−40~100
−40~100
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-2F1
Weight: 0.01 g (typ.)
Product Name
Color
Material
TLWD1060
White
InGaN
Ambient temperature Ta (°C)
IF – Ta
0
0
20
40
60
80
100
120
20
25
5
10
15


Similar Part No. - TLWD1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWD1100 TOSHIBA-TLWD1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLWD1100B TOSHIBA-TLWD1100B Datasheet
290Kb / 9P
Panel Circuit Indicators
TLWD1100T11 TOSHIBA-TLWD1100T11 Datasheet
278Kb / 9P
Panel Circuit Indicator
More results

Similar Description - TLWD1060

ManufacturerPart #DatasheetDescription
logo
AUK corp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
LED Lamp
logo
BRIGHT LED ELECTRONICS ...
BL-B3434 BRIGHT-BL-B3434 Datasheet
281Kb / 5P
LED LAMP
logo
EPIGAP optoelectronic G...
ELD-525-524 EPIGAP-ELD-525-524 Datasheet
93Kb / 1P
LED - Lamp
ELD-625-323 EPIGAP-ELD-625-323 Datasheet
93Kb / 1P
LED - Lamp
ELD-720-324 EPIGAP-ELD-720-324 Datasheet
93Kb / 1P
LED - Lamp
ELD-760-524 EPIGAP-ELD-760-524 Datasheet
95Kb / 1P
LED - Lamp
ELD-810-344 EPIGAP-ELD-810-344 Datasheet
100Kb / 2P
LED - Lamp
ELD-840-325 EPIGAP-ELD-840-325 Datasheet
195Kb / 3P
LED - Lamp
ELD-880-015 EPIGAP-ELD-880-015 Datasheet
168Kb / 3P
LED - Lamp
ELD-880-525-3 EPIGAP-ELD-880-525-3 Datasheet
95Kb / 1P
LED - Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com