Electronic Components Datasheet Search
  English  ▼

X  

TPC8124 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8124
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8124 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8124 Datasheet HTML 1Page - Toshiba Semiconductor TPC8124 Datasheet HTML 2Page - Toshiba Semiconductor TPC8124 Datasheet HTML 3Page - Toshiba Semiconductor TPC8124 Datasheet HTML 4Page - Toshiba Semiconductor TPC8124 Datasheet HTML 5Page - Toshiba Semiconductor TPC8124 Datasheet HTML 6Page - Toshiba Semiconductor TPC8124 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8124
2009-11-16
5
160
80
160
120
VDS
VGS
−8
−16
0
−40
VDD = −32 V
−8
−16
VDD = −32 V
0120
40
80
−10
−30
−20
0
−10
−20
−5
−15
−80
−40
0
40
0
−2
−0.4
−1.2
−1.6
−0.8
Ciss
Coss
Crss
1000
10000
−0.1
−1
−10
−100
100
−10
−
4.5
−3
VGS = 0 V
−1
0
0.2
0.6
1
1.2
−0.1
−1
−10
−100
0.4
0.8
VGS = −4 .5V
0
5
10
20
−80
−40
0
40
80
120
160
VGS = −10 V
15
ID = −3, −6, −12 A
ID = −3, −6, −12 A
(1)
(2)
0
0.4
0.8
1.2
1.6
0
40
80
160
120
2
RDS (ON) – Ta
IDR – VDS
Vth – Ta
PD – Ta
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = −10 V
ID = −0.5mA
Pulse test
Common source
ID = −12 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
Drain
−source voltage VDS (V)
Drain
−source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Dynamic input/output
characteristics
(1)Device mounted on a glass-epoxy
board(a) (Note 2a)
(2)Device mounted on a glass-epoxy
board(b) (Note 2b)
t
= 10 s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com