Electronic Components Datasheet Search
  English  ▼

X  

SW24200 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW24200
Description  Telecom & Industry stationary battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW24200 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW24200 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
2 V
420 Ah
501 mm (19.72 inches)
471 mm (18.54 inches)
206 mm (8.11 inches)
145 mm (5.71 inches)
28Kg (61.88 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(42 A)
5 hour rate(67.2 A)
1 hour rate(252 A)
420 AH
336 AH
252 AH
Full charged Battery at 25 (77 )
Approx
0.40 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T37
Initial Charging Current less than 168 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
20
M8
20
420A
886A
210A
84A
42A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
1.60V
1.70V
1.75V
1.80V
1.85V
R
206
108
145
SW24200(2V420AH)


Similar Part No. - SW24200

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW2424 SUNNYWAY-SW2424 Datasheet
713Kb / 1P
General Battery
SW2424 SUNNYWAY-SW2424_17 Datasheet
745Kb / 1P
Constant Current(Amp) andConstant Power(Watt)DischargeTable at 25??77??
More results

Similar Description - SW24200

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW21000 SUNNYWAY-SW21000 Datasheet
348Kb / 1P
Telecom & Industry stationary battery
SW21500 SUNNYWAY-SW21500_2 Datasheet
382Kb / 1P
Telecom & Industry stationary battery
SW23000 SUNNYWAY-SW23000 Datasheet
401Kb / 1P
Telecom & Industry stationary battery
SW24000 SUNNYWAY-SW24000 Datasheet
392Kb / 1P
Telecom & Industry stationary battery
SW24500 SUNNYWAY-SW24500 Datasheet
396Kb / 1P
Telecom & Industry stationary battery
SW25000 SUNNYWAY-SW25000 Datasheet
398Kb / 1P
Telecom & Industry stationary battery
SW27000 SUNNYWAY-SW27000 Datasheet
368Kb / 1P
Telecom & Industry stationary battery
SW27500 SUNNYWAY-SW27500 Datasheet
470Kb / 1P
Telecom & Industry stationary battery
SW210000 SUNNYWAY-SW210000 Datasheet
470Kb / 1P
Telecom & Industry stationary battery
SW225000 SUNNYWAY-SW225000 Datasheet
475Kb / 1P
Telecom & Industry stationary battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com