Electronic Components Datasheet Search
  English  ▼

X  

ADAM-4050 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4050
Description  15-ch Digital I/O Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4050 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4050 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
Power Consumption 0.4 W @ 24 VDC
Watchdog Timer
System (1.6 second)
Supported Protocols ASCII command
Digital Input
Channels
7
Input Level
Logic level 0: +1 V max.
Logic level 1: 3.5 ~ 30 V
Pull up current: 0.5 mA,
10 k
Ω resistor to +5 V
Digital Output
Channels
8
open collector to 30 V,
30 mA max. load
Power Dissipation
300 mW
15-ch Digital I/O Module
16-ch Isolated Digital Input Module
with Modbus
8-ch Isolated Digital Input Module
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
Power Consumption 1 W @ 24 VDC
Watchdog Timer
System (1.6 second) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
LED Indicators
Yes
Digital Input
Channels
16
Input Voltage
50 V max
Input Level
Dry contact:
Logic level 0: open
Logic level 1: close to
GND
Wet contact:
Logic level 0: +3 V max
Logic level 1: +10 ~ 50 V
(Note: Digital Input levels 0 and 1 can be inverted)
Isolation Voltage
2,500 VDC
Input Resistance
5.2 k
Ω
Overvoltage
70 VDC
Protection
ADAM-4050
ADAM-4051
ADAM-4052
ADAM-4050
ADAM-4051
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
Power Consumption 0.4 W @ 24 VDC
Watchdog Timer
System (1.6 second)
Supported Protocols ASCII command
Digital Input
Channels
8
(6 fully independent
isolated channels, 2
isolated channels with
common ground)
Input Level
Logic level 0: +1 V max.
Logic level 1: +3 ~ 30 V
Isolation Voltage
5,000 VRMS
Input Resistance
3 k
Ω
ADAM-4052
Common Specifications
General
Power Input
Unregulated 10 ~ 30 VDC
Environment
Humidity
5 ~ 95% RH
Operating
- 10 ~ 70° C (14 ~ 158° F)
Temperature
Storage Temperature - 25 ~ 85°C
(-13 ~ 185° F)
Ordering Information
ADAM-4050
15-ch Digital I/O
Module
ADAM-4051
16-ch Isolated Digital
Input Module with
Modbus
ADAM-4052
8-ch Isolated Digital
Input Module
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-4050

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4050 ADVANTECH-ADAM-4050 Datasheet
249Kb / 1P
15-ch Digital I/O Module
ADAM-4050 ADVANTECH-ADAM-4050_15 Datasheet
249Kb / 1P
15-ch Digital I/O Module
More results

Similar Description - ADAM-4050

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4751 ADVANTECH-USB-4751 Datasheet
523Kb / 1P
48-ch Digital I/O USB Module
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
702Kb / 1P
18-ch Isolated Digital I/O Module
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
365Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-5050 ADVANTECH-ADAM-5050_14 Datasheet
257Kb / 1P
16-ch Universal Digital I/O Module
ADAM-4050 ADVANTECH-ADAM-4050_15 Datasheet
249Kb / 1P
15-ch Digital I/O Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6150 ADVANTECH-ADAM-6150_15 Datasheet
248Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
USB-4751-AE ADVANTECH-USB-4751-AE Datasheet
147Kb / 1P
48-ch Digital I/O USB Module
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
32-ch Isolated Digital I/O Module
ADAM-6150 ADVANTECH-ADAM-6150_V01 Datasheet
277Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com