Electronic Components Datasheet Search
  English  ▼

X  

PH40016 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PH40016
Description  DIODE 400A Avg 1600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PH40016 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PH40016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PH40016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
─33─
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
1600
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
1700
V
PH40016
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=57℃
Half Sine Wave
400
A
実効順電流
RMS Forward Current
IF
(RMS)
630
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
259000
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.5∼3.5
N・m
9.0∼10.0
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
Peak Reverse Current
IRM
Tj=125℃,VRM=VRRM
50
mA
ピーク順電圧
Peak Forward Voltage
VFM
Tj= 25℃,IFM=1300A
1.45
V
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.12
℃/W
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
0.05
℃/W
質量…約600g
Approximate Weight
サージ順電流
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
7200
A
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2500
V
■電気的特性 Electrical Characteristics
M6
M8
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
12
DIODE
400A Avg 1600 Volts
PH40016


Similar Part No. - PH40016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
DIODE 400A Avg 800 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
DIODE 400A Avg 1600 Volts
logo
Kyocera Kinseki Corpota...
PH400N16 KSS-PH400N16 Datasheet
351Kb / 2P
Diode
logo
National Instruments Co...
PH400N16 NI-PH400N16_15 Datasheet
287Kb / 2P
DIODE
logo
Nihon Inter Electronics...
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
DIODE 400A Avg 800 Volts
More results

Similar Description - PH40016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC4008 NIEC-PC4008 Datasheet
210Kb / 2P
DIODE 400A Avg 800 Volts
PC40016 NIEC-PC40016 Datasheet
269Kb / 2P
DIODE 400A Avg 1600 Volts
PD60KN16 NIEC-PD60KN16 Datasheet
155Kb / 2P
DIODE 60A Avg 1600 Volts
PD100KN16 NIEC-PD100KN16 Datasheet
152Kb / 2P
DIODE 100A Avg 1600 Volts
PD150KN16 NIEC-PD150KN16 Datasheet
160Kb / 2P
DIODE 150A Avg 1600 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
DIODE 400A Avg 800 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
DIODE 400A Avg 1600 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
DIODE 400A Avg 800 Volts
PDT40012 NIEC-PDT40012_1 Datasheet
242Kb / 4P
400A Avg 1200~1600 Volts
PHT40012 NIEC-PHT40012_1 Datasheet
236Kb / 4P
400A Avg 1200~1600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com