Electronic Components Datasheet Search
  English  ▼

X  

APAX-5017 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-5017
Description  8-ch RTD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-5017 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-5017 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
ƒ
Dimensions (W x H x D) 30 x 139 x 100 mm
ƒ
Weight
170 g
ƒ
Power Consumption
2.5 W @ 24 VDC (typical)
Analog Input
ƒ
Channels
8
ƒ
Input Impedance
>10 M
W
ƒ
Input Type
Pt-100, Pt-200, Pt-500, Pt-1000, Balco, Ni 518 RTD
(3-wire)
ƒ
Temperature Range
Pt-100, Pt-200, Pt-500, Pt-1000:
-120 ~ 130° C, -200 ~ 850° C
Supports both IEC 60751 ITS90 (
0.03851 W/W/° C)
and JIS C 1604 (0.03916
W/W/° C)
Balco 500: -30 ~ 120° C
Ni 518: -80 ~ 100° C, 0 ~ 100° C
ƒ
Configure Different
Yes
Range for Each Channel
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/second (total)
ƒ
CMR @ 50/60 Hz
90 dB
ƒ
NMR @ 50/60 Hz
60 dB
ƒ
Noise Rejection
Hardware Filter (50/60 Hz)
Protection
ƒ
Isolation between
2,500 VDC
Channels and Backplane
Environment
ƒ
Operating Temperature -10 ~ 60° C (when mounted vertically)
ƒ
Storage Temperature
-40 ~ 70° C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
APAX-5013
8-ch RTD Module
ƒ
APAX-5001
1-slot Backplane Module
ƒ
APAX-5002
2-slot Backplane Module
ƒ
APAX-5343E
Power Supply for APAX Expansion Module
Specifications
General
ƒ
Dimensions (W x H x D) 30 x 139 x 100 mm
ƒ
Weight
170 g
ƒ
Power Consumption
4 W @ 24 VDC (APAX-5017)
(typical)
3.5 W @ 24 VDC (APAX-5018)
Analog Input
ƒ
Channels
12 (Differential)
ƒ
Input Type
V, mV, mA (APAX-5017)
V, mV, mA, Thermocouple (APAX-5018)
ƒ
Input Impedance
Voltage: >10 M
W (APAX-5017), >1 MW (APAX-5018)
Current: 120
W (Current)
ƒ
Voltage/Current Range ±150 mV, ±500 mV, ±1 V, ±5 V, ±10 V, ±20 mA,
0 ~ 20 mA, 4 ~ 20 mA (APAX-5017)
±50 mV, ±100 mV, ±500 mV, ±1 V, ±2.5 V, ±20 mA,
0 ~ 20 mA, 4 ~ 20 mA (APAX-5018)
ƒ
Temperature Range
Type J (-210 ~ 1200° C), Type K (-270 ~ 1372° C),
(APAX-5018 only)
Type T (-270 ~ 400° C), Type E (-270 ~ 1000° C),
Type R (0 ~ 1768° C), Type S (0 ~ 1768° C),
Type B (300 ~ 1820° C)
ƒ
Configure Different
Yes
Range for Each Channel
ƒ
Resolution
16-bit with accuracy ±0.1% or better of Full Scale Range
(Voltage),
±0.2% or better of Full Scale Range(Current)
Note: Refer to manual for Thermocouple accuracy
ƒ
Sampling Rate
12 samples/second (total)
ƒ
Conversion Time
100 ms (per channel)
ƒ
CMR @ 50/60 Hz
92 dB
ƒ
NMR @ 50/60 Hz
60 dB
ƒ
Noise Rejection
Hardware Filter (50/60 Hz)
ƒ
Wire Burn-out Detection Yes (APAX-5081 only, for Thermocouple)
Protection
ƒ
Isolation between
2,500 VDC
Channels and Backplane
ƒ
Supports Over Voltage Protection
Environment
ƒ
Operating Temperature -10 ~ 60° C (when mounted vertically)
ƒ
Storage Temperature
-40 ~ 70° C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
APAX-5017
12-ch Analog Input Module
ƒ
APAX-5018
12-ch Thermocouple Input Module
ƒ
APAX-5001
1-slot Backplane Module
ƒ
APAX-5002
2-slot Backplane Module
ƒ
APAX-5343E
Power Supply for APAX Expansion Module
APAX-5013
APAX-5017
APAX-5018
8-ch RTD Module
12-ch Analog Input Module
12-ch Thermocouple Input Module
NEW
NEW
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
APAX-5013
APAX-5017
APAX-5018


Similar Part No. - APAX-5017

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5017H ADVANTECH-APAX-5017H Datasheet
301Kb / 1P
12-ch High Speed Analog Input Module
More results

Similar Description - APAX-5017

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4015 ADVANTECH-ADAM-4015 Datasheet
708Kb / 1P
6-ch RTD Module with Modbus
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
ADAM-5013 ADVANTECH-ADAM-5013_14 Datasheet
258Kb / 1P
3-ch RTD Input Module
ADAM-4015 ADVANTECH-ADAM-4015_15 Datasheet
243Kb / 1P
6-ch RTD Module with Modbus
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
Robust 6-Ch RTD Input Module
27-Feb-2020
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
483Kb / 1P
4-ch RTD Input Module
3-Dec-2020
IDAQ-815 ADVANTECH-IDAQ-815 Datasheet
320Kb / 1P
8-ch RTD Input iDAQ Module
6-Sep-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com